Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1200AR Datasheet(PDF) 9 Page - Analog Devices

Part # ADUM1200AR
Description  Dual-Channel Digital Isolators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1200AR Datasheet(HTML) 9 Page - Analog Devices

Back Button ADUM1200AR Datasheet HTML 5Page - Analog Devices ADUM1200AR Datasheet HTML 6Page - Analog Devices ADUM1200AR Datasheet HTML 7Page - Analog Devices ADUM1200AR Datasheet HTML 8Page - Analog Devices ADUM1200AR Datasheet HTML 9Page - Analog Devices ADUM1200AR Datasheet HTML 10Page - Analog Devices ADUM1200AR Datasheet HTML 11Page - Analog Devices ADUM1200AR Datasheet HTML 12Page - Analog Devices ADUM1200AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADuM1200/ADuM1201
Rev. B | Page 9 of 20
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
ADuM120xCR
Minimum Pulse Width2
PW
20
40
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate3
25
50
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay4
tPHL, tPLH
20
50
ns
CL = 15 pF, CMOS signal levels
Pulse-Width Distortion, |tPLH – tPHL|4
PWD
3
ns
CL = 15 pF, CMOS signal levels
Change Versus Temperature
5
ps/°C
CL = 15 pF, CMOS signal levels
Propagation Delay Skew5
tPSK
15
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Codirectional Channels6
tPSKCD
3
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching,
Opposing Directional Channels6
tPSKOD
15
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tf
CL = 15 pF, CMOS signal levels
5 V/3 V Operation
3.0
ns
3 V/5 V Operation
2.5
ns
For All Models
Common-Mode Transient Immunity
at Logic High Output7
|CMH|
25
35
kV/µs
VIx = VDD1, VDD2, VCM = 1000 V,
transient magnitude = 800 V
Common-Mode Transient Immunity
at Logic Low Output7
|CML|
25
35
kV/µs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
5 V/3 V Operation
1.2
Mbps
3 V/5 V Operation
1.1
Mbps
Input Dynamic Supply Current, per Channel8
IDDI (D)
5 V/3 V Operation
0.19
mA/Mbps
3 V/5 V Operation
0.10
mA/Mbps
Output Dynamic Supply Current, per Channel8
IDDI (D)
5 V/3 V Operation
0.03
mA/Mbps
3 V/5 V Operation
0.05
mA/Mbps
1 The supply current values for both channels are combined when running at identical data rates. Output supply current values are specified with no output load
present. The supply current associated with an individual channel operating at a given data rate may be calculated as described in the Power Consumption section. See
Figure 6 through
for information on per-channel supply current as a function of data rate for unloaded and loaded conditions. See
through Figure 11
for total I
Figure 8
Figure 8
Figure 9
DD1
and IDD2 supply currents as a function of data rate for ADuM1200 and ADuM1201 channel configurations.
2 The minimum pulse width is the shortest pulse width at which the specified pulse-width distortion is guaranteed.
3 The maximum data rate is the fastest data rate at which the specified pulse-width distortion is guaranteed.
4 tPHL propagation delay is measured from the 50% level of the falling edge of the VIx signal to the 50% level of the falling edge of the VOx signal. tPLH propagation delay is
measured from the 50% level of the rising edge of the VIx signal to the 50% level of the rising edge of the VOx signal.
5 tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH that is measured between units at the same operating temperature, supply voltages, and output
load within the recommended operating conditions.
6 Codirectional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of
the isolation barrier. Opposing directional channel-to-channel matching is the absolute value of the difference in propagation delays between any two channels with
inputs on opposing sides of the isolation barrier.
7 CMH is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD2. CML is the maximum common-mode voltage slew rate
that can be sustained while maintaining VO < 0.8 V. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges. The transient
magnitude is the range over which the common mode is slewed.
8 Dynamic supply current is the incremental amount of supply current required for a 1 Mbps increase in the signal data rate. See
through
for
information on per-channel supply current for unloaded and loaded conditions. See the
section for guidance on calculating per-channel supply
current for a given data rate.
Figure 6
Power Consumption


Similar Part No. - ADUM1200AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200AR AD-ADuM1200AR Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ AD-ADuM1200ARZ Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADuM1200ARZ-RL7 AD-ADuM1200ARZ-RL7 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
More results

Similar Description - ADUM1200AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
logo
Texas Instruments
ISO7220A TI1-ISO7220A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Channel Digital Isolators
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
   Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
   SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
[Old version datasheet]   DUAL DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com