Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT824RTDI-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT824RTDI-GT3
Description  System Supervisory Voltage Reset
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT824RTDI-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT824RTDI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT824RTDI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT824RTDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT824RTDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT824RTDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT824RTDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT824RTDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT824RTDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT824RTDI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT823, CAT824, CAT825
http://onsemi.com
4
Table 3. ELECTRICAL OPERATING CHARACTERISTICS (DC Characteristics: VCC = 3.0 V to 5.5 V for L/M versions;
VCC = 2.0 V to 3.6 V for the R/S/T/U/Y/Z version, −40°C ≤ TA ≤ +85°C unless otherwise noted. Typical Values at TA = 25°C and VCC = 5 V
for L/M versions; VCC = 3.3 V for the T/S versions; VCC = 3.0 V for the R version; and VCC = 2.5 V for the U/Y/Z versions.) (Note 1)
Symbol
Units
Max
Typ
Min
Conditions
Parameter
WATCHDOG INPUT (CAT823 & CAT824)
tWD
Watchdog Timeout Period
1.12
1.60
3.20
s
tWDI
WDI Pulse Width
VIL = 0.4 V, VIH = 0.8 x VCC
50
ns
VIL
WDI Input Voltage (Note 3)
0.3 x VCC
V
VIH
0.7 x VCC
WDI Input Current (Note 4)
WDI = VCC, Time Average
120
160
mA
WDI = 0 V, Time Average
−20
−15
MANUAL RESET INPUT (CAT823 & CAT825)
VIL
MR Input Voltage
0.3 x VCC
V
VIH
0.7 x VCC
tPB
MR Pulse Width
1
ms
tPDLY
MR low to Reset Delay
5
ms
MR Noise Immunity
Pulse Width with No Reset
100
ns
MR Pullup Resistance
(internal)
35
52
75
kW
1. Over−temperature limits are guaranteed by design and not production tested.
2. The RESET short−circuit current is the maximum pull−up current when reset is driven low by a bidirectional output.
3. WDI is internally serviced within the watchdog period if WDI is left open.
4. The WDI input current is specified as an average input current when the WDI input is driven high or low. The WDI input if connected to
a three−stated output device can be disabled in the tristate mode as long as the leakage current is less than 10 mA and a maximum capacitance
of less than 200 pF. To clock the WDI input in the active mode the drive device must be able to source or sink at least 200 mA when active.
TYPICAL ELECTRICAL OPERATING CHARACTERISTICS
Figure 2. VCC Supply Current vs. Temperature
Figure 3. Normalized Reset Threshold Voltage
vs. Temperature
TEMPERATURE (°C)
TEMPERATURE (°C)
120
80
60
40
20
0
−20
−40
1
2
3
4
6
7
8
9
100
80
60
40
20
0
−20
−40
0.94
0.96
0.98
1.00
1.02
1.04
1.06
100
5


Similar Part No. - CAT824RTDI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT824RTDI-GT3 ONSEMI-CAT824RTDI-GT3 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT824RTDI-GT3 ONSEMI-CAT824RTDI-GT3 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT824RTDI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT823 ONSEMI-CAT823_12 Datasheet
141Kb / 12P
   System Supervisory Voltage Reset
May, 2012 ??Rev. 8
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823_08 Datasheet
216Kb / 14P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
   System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
logo
Mitsumi Electronics, Co...
PST91XX MITSUMI-PST91XX Datasheet
65Kb / 3P
   System Reset
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
   System Reset
PST623 MITSUMI-PST623 Datasheet
102Kb / 4P
   System Reset
PST596 MITSUMI-PST596 Datasheet
114Kb / 5P
   System Reset
PST993 MITSUMI-PST993 Datasheet
96Kb / 4P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com