Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP372 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP372
Description  Positive and Negative Overvoltage Protection Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP372 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP372 Datasheet HTML 1Page - ON Semiconductor NCP372 Datasheet HTML 2Page - ON Semiconductor NCP372 Datasheet HTML 3Page - ON Semiconductor NCP372 Datasheet HTML 4Page - ON Semiconductor NCP372 Datasheet HTML 5Page - ON Semiconductor NCP372 Datasheet HTML 6Page - ON Semiconductor NCP372 Datasheet HTML 7Page - ON Semiconductor NCP372 Datasheet HTML 8Page - ON Semiconductor NCP372 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP372
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Vin = 5 V, Minimum/Maximum limits at −40°C < TA < +85°C unless otherwise noted. Typical
values are at TA = +25°C)
Characteristics
Symbols
Conditions
Min
Typ
Max
Unit
Input Voltage Range
Vin
EN = low or high, Vout = 0 V
−28
28
V
Input Voltage
Vinmin
EN = low or high, Vout = 4.25V
−24
V
Undervoltage Lockout Threshold
UVLO
Vin falls below UVLO Threshold
2.6
2.7
2.8
V
Undervoltage Lockout
Hysteresis
UVLOhyst
Vin rises above UVLO Threshold + UVLOhyst
45
60
75
mV
Over voltage Lockout Threshold
NCP372MUAITXG
OVLO
Vin rises above OVLO threshold
6.0
6.3
6.6
V
Overvoltage Lockout Hysteresis
OVLOhyst
Vin falls below to OVLO − OVLOhyst
60
80
100
mV
Vin to Vout Resistance
RDS(on)
Vin = 5 V, EN = low, Load Connected to Vout
Vin = 5 V, EN = low,
Load Connected to Vout @ 25°C
130
130
220
200
mW
Input Standby Current
IddSTD
No Load. EN = high, Vin connected
90
170
mA
Input Supply Quiescent Current
IddIN
25°C
Overtemperature Range
200
260
310
mA
FLAG Output Low Voltage
Volflag
1.2 V < Vin < UVLO
Sink 50 mA on FLAG Pin
30
400
mV
Vin > OVLO, Sink 1 mA on FLAG Pin
400
FLAG Leakage Current
FLAGleak
FLAG Level = 5.5 V
1.0
nA
EN Voltage High
VihEN
1.2
V
EN Voltage Low
VilEN
0.55
V
EN Leakage Current
ENleak
Vin connected
Vin disconnected
200
1.0
nA
Thermal Shutdown Temperature
TSD
150
°C
Thermal Shutdown Hysteresis
TSDHYST
30
°C
TIMINGS
Start Up Delay
ton
From Vin > UVLO to Vout w 0.3 V
20
30
40
ms
FLAG Going Up Delay
tstart
From Vout > 0.3 V to FLAG = 1.2 V
20
30
40
ms
Turn Off Delay
toff
From Vin > OVLO to Vout v 0.3 V
Vin Increasing from 5 V to 8 V at 3 V/ms
1.5
5.0
ms
Alert Delay
tstop
From Vin > OVLO to FLAG v 0.4 V See Figure 3
and 9 Vin Increasing from 5 V to 8 V at 3 V/ms
1.5
ms
Disable Time
tdis
EN = 0.4 V to 1.2 V to Vout v 0.3 V
2.5
ms
NOTE: Electrical parameters are guaranteed by correlation across the full range of temperature.


Similar Part No. - NCP372

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
NCP372MUAITXG ONSEMI-NCP372MUAITXG Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
More results

Similar Description - NCP372

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP370 ONSEMI-NCP370_11 Datasheet
220Kb / 11P
   Positive and Negative Overvoltage Protection
July, 2011 ??Rev. 6
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
NCP391 ONSEMI-NCP391_14 Datasheet
264Kb / 14P
   Positive Overvoltage Protection Controller
May, 2014 ??Rev. 2
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com