Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP391 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP391
Description  Positive Overvoltage Protection Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP391 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP391_14 Datasheet HTML 5Page - ON Semiconductor NCP391_14 Datasheet HTML 6Page - ON Semiconductor NCP391_14 Datasheet HTML 7Page - ON Semiconductor NCP391_14 Datasheet HTML 8Page - ON Semiconductor NCP391_14 Datasheet HTML 9Page - ON Semiconductor NCP391_14 Datasheet HTML 10Page - ON Semiconductor NCP391_14 Datasheet HTML 11Page - ON Semiconductor NCP391_14 Datasheet HTML 12Page - ON Semiconductor NCP391_14 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCP391
http://onsemi.com
9
VOLTAGE DETECTION
IN
OUT
CONDITIONS
VIN > OVLO
0 < VIN < UVLO
And/Or
/EN = 1
VOLTAGE DETECTION
IN
OUT
CONDITIONS
/EN = 0
&
UVLO < VIN < OVLO
Figure 16. Simplified Diagram
Figure 17. Simplified Diagram
Operation
The NCP391 provides overvoltage protection for
positive voltage, up to 28 V. A low RDS(on) NMOSFET
protects the systems (i.e.: charger) connected on the Vout
pin, against positive overvoltage. At powerup, with EN pin
= low, the output is rising up ton soft−start after the input
overtaking undervoltage UVLO (Figure 3). The NCP391
provides a FLAG output, which alerts the system that a fault
has occurred. A tstart additional delay, regarding available
output (Figure 3) is added between output signal rising up
and to FLAG signal rising up. FLAG pin is an open drain
output.


Similar Part No. - NCP391_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP391FCALT2G ONSEMI-NCP391FCALT2G Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391FCALT2G ONSEMI-NCP391FCALT2G Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
More results

Similar Description - NCP391_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
NCP372 ONSEMI-NCP372_10 Datasheet
230Kb / 12P
   Positive and Negative Overvoltage Protection Controller
October, 2010 ??Rev. 1
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
   Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
   Overvoltage Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
[Old version datasheet]   Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com