Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP367OPMUEATBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP367OPMUEATBG
Description  Battery Charge Front-End Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP367OPMUEATBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP367OPMUEATBG Datasheet HTML 1Page - ON Semiconductor NCP367OPMUEATBG Datasheet HTML 2Page - ON Semiconductor NCP367OPMUEATBG Datasheet HTML 3Page - ON Semiconductor NCP367OPMUEATBG Datasheet HTML 4Page - ON Semiconductor NCP367OPMUEATBG Datasheet HTML 5Page - ON Semiconductor NCP367OPMUEATBG Datasheet HTML 6Page - ON Semiconductor NCP367OPMUEATBG Datasheet HTML 7Page - ON Semiconductor NCP367OPMUEATBG Datasheet HTML 8Page - ON Semiconductor NCP367OPMUEATBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NCP367
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS − NCP367OPMUEA
(Min/Max limits values (−40
°C < TA < +85°C) and Vin = +3.5 V. Typical values are TA = +25°C, unless otherwise noted.)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Range
Vin
1.2
28
V
Undervoltage Lockout Threshold
UVLO
Vin falls down UVLO threshold
1.75
1.85
1.9
V
Undervoltage Lockout
Hysteresis
UVLOhyst
60
100
mV
Overvoltage Lockout Threshold
NCP367OPMUEA
OVLO
Vin rises up OVLO threshold
3.65
3.8
3.95
V
Overvoltage Lockout Hysteresis
OVLOhyst
45
150
mV
Vin versus Vout Resistance
RDS(on)
Enable Mode, Load Connected to Vout
50
100
m
W
Supply Quiescent Current
Idd
No Load
42
130
mA
Disable Mode
Idddis
EN = 1.2 V
35
110
mA
Overcurrent Threshold
NCP367OPMUEA
IOCP
EN = low, Load Connected to Vout,,
Rilim = 0 W, 1 A/ms, GS = 0.4 V
2.30
2.85
3.40
A
Overcurrent Response
Ireg
1 A/
ms, GS = low, Ilim = 1.51 A
5.0
%
Current Limit Gain
NCP367OPMUEA
GSvalue
GS = 1.2 V
2.55
Battery Overvoltage Threshold
OVBAT
0
°C to 85°C
4.3
4.35
4.4
V
Battery Overvoltage Hysteresis
OVHYS
0
°C to 85°C
100
150
200
mV
VBAT Pin Leakage
VBATLEAK
20
nA
VBAT Deglitch Time
VBATDEG
VBAT > OVBAT
0.2
2.0
4.0
ms
FLAG Output Low Voltage
Volflag
Vin > OVLO
Sink 1 mA on FLAG pin
400
mV
FLAG Leakage Current
FLAGleak
FLAG level = 5 V
10
nA
EN Voltage High
Vih
1.2
V
EN Voltage Low
Vil
0.4
V
EN Leakage Current
ENleak
200
nA
GS Voltage High
Vih
1.2
V
GS Voltage Low
Vil
0.4
V
GS Leakage Current
GSleak
200
nA
TIMINGS
Start Up Delay
ton
From Vin > UVLO to Vout = 0.8xVin
15
30
45
ms
FLAG going up Delay
tstart
From Vout > 0.2xVin to FLAG = 1.2 V
15
30
45
ms
Rearming Delay
tREARM
OCP Active
15
30
45
ms
Overcurrent Regulation Time
tREG
OCP Active
1.2
1.8
3.0
ms
Output Turn Off Time
toff
From Vin > OVLO to Vout ≤ 0.3 V, Vin increasing
from 3.5 V to 6.5 V at 3 V/
ms.
1.5
5.0
ms
Alert Delay
tstop
From Vin > OVLO to FLAG ≤ 0.4 V, (see Figure 16)
Vin increasing from 3.5 V to 6.5 V at 3 V/ms
1.5
ms
Disable Time
tdis
From EN 0.4 to 1.2 V to Vout ≤ 0.3 V
3.0
ms
Thermal Shutdown Temperature
Tsd
150
°C
Thermal Shutdown Hysteresis
Tsdhyst
30
°C
NOTE:
Electrical parameters are guaranteed by correlation across the full range of temperature.


Similar Part No. - NCP367OPMUEATBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP367OPMUEATBG ONSEMI-NCP367OPMUEATBG Datasheet
457Kb / 13P
   Battery Charge Front-End Protection, USB and AC/DC Supply Compliant
September, 2013 ??Rev. 10
More results

Similar Description - NCP367OPMUEATBG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9519 HMSEMI-HM9519 Datasheet
3Mb / 12P
   Battery Charge Front-End Full Protection
logo
ON Semiconductor
NCP367 ONSEMI-NCP367 Datasheet
457Kb / 13P
   Battery Charge Front-End Protection, USB and AC/DC Supply Compliant
September, 2013 ??Rev. 10
logo
Renesas Technology Corp
M61048FP RENESAS-M61048FP Datasheet
304Kb / 24P
   Battery Protection Analog Front End (AFE) IC
M61047FP RENESAS-M61047FP Datasheet
305Kb / 24P
   Battery Protection Analog Front End (AFE) IC
RAA489206 RENESAS-RAA489206 Datasheet
1Mb / 136P
   16-Cell Battery Front End
Jul 5, 2022
ISL94216A RENESAS-ISL94216A Datasheet
2Mb / 147P
   16-Cell Battery Front End
Feb 3, 2022
logo
Texas Instruments
BQ76200 TI1-BQ76200 Datasheet
1Mb / 27P
[Old version datasheet]   High Voltage Battery Pack Front-End Charge/Discharge High-Side NFET Driver
logo
ON Semiconductor
NCP392C ONSEMI-NCP392C Datasheet
170Kb / 10P
   Adjustable Front End Overvoltage Protection Controller
September, 2015 ??Rev. 3
NCV890104 ONSEMI-NCV890104 Datasheet
214Kb / 19P
   Adjustable Front End Overvoltage Protection Controller
November, 2015 ??Rev. 3
logo
Texas Instruments
BQ24314C TI1-BQ24314C Datasheet
1Mb / 26P
[Old version datasheet]   Li Charger Front-End Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com