Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP398FCCT1G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP398FCCT1G
Description  USB Type-C VCONN Overvoltage Protection IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP398FCCT1G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP398FCCT1G Datasheet HTML 4Page - ON Semiconductor NCP398FCCT1G Datasheet HTML 5Page - ON Semiconductor NCP398FCCT1G Datasheet HTML 6Page - ON Semiconductor NCP398FCCT1G Datasheet HTML 7Page - ON Semiconductor NCP398FCCT1G Datasheet HTML 8Page - ON Semiconductor NCP398FCCT1G Datasheet HTML 9Page - ON Semiconductor NCP398FCCT1G Datasheet HTML 10Page - ON Semiconductor NCP398FCCT1G Datasheet HTML 11Page - ON Semiconductor NCP398FCCT1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP398
www.onsemi.com
11
ORDERING INFORMATION
Device
Marking
Package
Shipping
NCP398FCCT1G
AA
WLCSP4 0.84x0.84 mm
3000 Tape / Reel
NCP398MUTBG
AV
UDFN6 2x2 mm
3000 Tape / Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEA­
SURED BETWEEN 0.15 AND 0.25MM FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE
TERMINALS.
5. TIE BARS MAY BE VISIBLE IN THIS VIEW AND ARE CONNECTED
TO THE THERMAL PAD.
SEATING
PLANE
0.10 C
A3
A
A1
0.10 C
UDFN6 2x2, 0.65P
CASE 517AB
ISSUE C
DIM
A
MIN
MAX
MILLIMETERS
0.45
0.55
A1
0.00
0.05
A3
0.127 REF
b
0.25
0.35
D
2.00 BSC
D2
1.50
1.70
0.80
1.00
E
2.00 BSC
E2
e
0.65 BSC
L
---
0.15
L1
PIN ONE
REFERENCE
0.08 C
0.10 C
6X
L
e
E2
b
3
6
6X
1
4
D2
BOTTOM VIEW
0.25
0.35
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
A1
A3
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
2.30
0.65
0.47
6X
DIMENSIONS: MILLIMETERS
0.40
1.70
PITCH
0.95
6X
1
PACKAGE
OUTLINE
RECOMMENDED
TOP VIEW
SIDE VIEW
DETAIL B
NOTE 4
DETAIL A
END VIEW
A
M
0.10
B
C
M
0.05
C
D
E
A B
NOTE 5
C


Similar Part No. - NCP398FCCT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3985 ONSEMI-NCP3985 Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985 ONSEMI-NCP3985 Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN180R2G ONSEMI-NCP3985SN180R2G Datasheet
112Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN18T1G ONSEMI-NCP3985SN18T1G Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
NCP3985SN25T1G ONSEMI-NCP3985SN25T1G Datasheet
125Kb / 10P
   Micropower, 150 mA Low-Noise, High PSRR, Ultra-Low Dropout BiCMOS Voltage Regulator
April, 2008 - Rev. 1
More results

Similar Description - NCP398FCCT1G

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WUSB3831Q WILLSEMI-WUSB3831Q Datasheet
699Kb / 15P
   USB Type-C CC Adapter with Vconn Support
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
   USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
logo
ON Semiconductor
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
logo
Rohm
BD91N01NUX ROHM-BD91N01NUX Datasheet
1Mb / 21P
   USB Type-C Sink Port Detection and Protection IC
07.Jun.2019 Rev.001
logo
Maxim Integrated Produc...
MAX20323A MAXIM-MAX20323A Datasheet
603Kb / 13P
   USB Type-C CC-Pin Overvoltage Protector
19-100074; Rev 3; 1/19
logo
Texas Instruments
TUSB321 TI1-TUSB321 Datasheet
1Mb / 24P
[Old version datasheet]   USB Type-C Configuration Channel Logic and Port Control with VCONN
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
2Mb / 25P
   USB type-C port protection
Rev 1 - September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com