Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4588 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4588
Description  2/8 CHANNEL AUDIO CODEC WITH DIR
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4588 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4588 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4588 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4588 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4588 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4588 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4588 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4588 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4588 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4588 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
ASAHI KASEI
[AK4588]
MS0287-E-01
2004/03
- 6 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
INT1
O
Interrupt 1 Pin
2
BOUT
O
Block-Start Output Pin for Receiver Input
“H” during first 40 flames.
3
TVDD
-
Output Buffer Power Supply Pin, 2.7V
∼5.5V
4
DVDD
-
Digital Power Supply Pin, 4.5V
∼5.5V
5
DVSS
-
Digital Ground Pin
6
XTO
O
X'tal clock Output Pin
7
XTI
I
X'tal / External clock Input Pin
8
TEST3
I
Test 3 Pin
This pin should be connected to DVSS.
9
MCKO2
O
Master Clock Output 2 Pin
10
MCKO1
O
Master Clock Output 1 Pin
11
COUT
O
C-bit Output Pin for Receiver Input
12
UOUT
O
U-bit Output Pin for Receiver Input
13
VOUT
O
V-bit Output Pin for Receiver Input
14
SDTO2
O
Audio Serial Data Output Pin (DIR/DIT part)
15
BICK2
I/O
Audio Serial Data Clock Pin (DIR/DIT part)
16
LRCK2
I/O
Channel Clock Pin (DIR/DIT part)
17
SDTO1
O
Audio Serial Data Output Pin (ADC/DAC part)
18
BICK1
I/O
Audio Serial Data Clock Pin (ADC/DAC part)
19
LRCK1
I/O
Input Channel Clock Pin
20
CDTO
O
Control Data Output Pin in Serial Mode, I2C pin= “L”.
CCLK
I
Control Data Clock Pin in Serial Mode, I2C pin= “L”
21
SCL
I
Control Data Clock Pin in Serial Mode, I2C pin= “H”
CDTI
I
Control Data Input Pin in Serial Mode, I2C pin= “L”.
22
SDA
I/O
Control Data Pin in Serial Mode, I2C pin= “H”.
I
Chip Select Pin in Serial Mode, I2C pin=”L”.
23
CSN
I
This pin should be connected to DVSS, I2C pin=”H”.
24
DAUX1
I
AUX Audio Serial Data Input Pin (ADC/DAC part)
25
SDTI4
I
DAC4 Audio Serial Data Input Pin
26
SDTI3
I
DAC3 Audio Serial Data Input Pin
27
SDTI2
I
DAC2 Audio Serial Data Input Pin
28
SDTI1
I
DAC1 Audio Serial Data Input Pin
29
XTL1
I
X’tal Frequency Select 0 Pin
30
XTL0
I
X’tal Frequency Select 1 Pin


Similar Part No. - AK4588

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4584VQ AKM-AK4584VQ Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
AK4586VQ AKM-AK4586VQ Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
More results

Similar Description - AK4588

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
AK4683 AKM-AK4683_07 Datasheet
1Mb / 84P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683_10 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
logo
Integrated Device Techn...
STAC9202 IDT-STAC9202 Datasheet
965Kb / 135P
   2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com