Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH102-PCS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AH102-PCS
Description  Medium Power, High Linearity Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH102-PCS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AH102-PCS Datasheet HTML 1Page - List of Unclassifed Manufacturers AH102-PCS Datasheet HTML 2Page - List of Unclassifed Manufacturers AH102-PCS Datasheet HTML 3Page - List of Unclassifed Manufacturers AH102-PCS Datasheet HTML 4Page - List of Unclassifed Manufacturers AH102-PCS Datasheet HTML 5Page - List of Unclassifed Manufacturers AH102-PCS Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
March 2002
Application Circuit: 900 MHz
Frequency (MHz)
600
700
800
900
1000
1100
S-Parameters vs Frequency
20
10
0
-10
-20
-30
Typical Specifications
Frequency
900 MHz
S21 (dB)
13.9 dB
S11 (dB)
-17.4 dB
S22 (dB)
-16.5 dB
IP3
46.2 dBm
Noise Figure
3.1 dB
Bias
9.0 V
GETEK Board Layout
Schematic Diagram
S21
S11
S22
RF OUT
RF IN
9 V
RF
0603
L = 22 nH
1206
C = 1.0
µF
0805
C = 1000pF
0603
C = 56 pF
0603
C = 56 pF
0603
C = 56 pF
By-Pass
DC Block
PIN 3
PIN 1
PIN 2, 4
L1
C1
C1
C1 = 3.3 pF
L1 = 6.8 nH
L1
DC Block
Match
Frequency (MHz)
600
700
800
900
1000
1100
Noise Figure vs Frequency
6
5
4
3
1
2
0
AH102
DC Bias


Similar Part No. - AH102-PCS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH102A ETC-AH102A Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A WJCI-AH102A Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102A-G ETC-AH102A-G Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A-G WJCI-AH102A-G Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-G TRIQUINT-AH102A-G Datasheet
203Kb / 5P
   Medium Power, High Linearity Amplifier
More results

Similar Description - AH102-PCS

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH101 WJCI-AH101 Datasheet
372Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH102A ETC-AH102A Datasheet
235Kb / 6P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH102A-G TRIQUINT-AH102A-G_15 Datasheet
203Kb / 5P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH101 ETC-AH101 Datasheet
214Kb / 6P
   Medium Power, High Linearity Amplifier
logo
WJ Communication. Inc.
AH102A WJCI-AH102A Datasheet
243Kb / 5P
   Medium Power, High Linearity Amplifier
logo
TriQuint Semiconductor
AH101-G TRIQUINT-AH101-G_15 Datasheet
566Kb / 7P
   Medium Power, High Linearity Amplifier
logo
List of Unclassifed Man...
AH201 ETC-AH201 Datasheet
220Kb / 4P
   Medium Power, High Linearity Amplifier
logo
Infineon Technologies A...
BFQ790 INFINEON-BFQ790_17 Datasheet
491Kb / 23P
   High Linearity RF Medium Power Amplifier
Revision 2.0 2017-02-16
logo
Filtronic Compound Semi...
FMA3018QFN FILTRONIC-FMA3018QFN Datasheet
141Kb / 4P
   MEDIUM LINEARITY INTEGRATED BALANCED AMPLIFIER MODULE
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com