Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP434FCT2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP434FCT2G
Description  2A Ultra-Small Controlled Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP434FCT2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP434FCT2G Datasheet HTML 1Page - ON Semiconductor NCP434FCT2G Datasheet HTML 2Page - ON Semiconductor NCP434FCT2G Datasheet HTML 3Page - ON Semiconductor NCP434FCT2G Datasheet HTML 4Page - ON Semiconductor NCP434FCT2G Datasheet HTML 5Page - ON Semiconductor NCP434FCT2G Datasheet HTML 6Page - ON Semiconductor NCP434FCT2G Datasheet HTML 7Page - ON Semiconductor NCP434FCT2G Datasheet HTML 8Page - ON Semiconductor NCP434FCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NCP434, NCP435
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS Min and Max Limits apply for TA between −40°C to +85°C for VIN between 1.0 V to 3.6 V
(Unless otherwise noted). Typical values are referenced to TA = +25°C and VIN = 3.3 V (Unless otherwise noted).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
POWER SWITCH
RDS(on)
Static drain−source on−
state resistance
VIN = 4 V
TA = 25°C, I = 200 mA (Note 9)
27
30
m
W
VIN = 3.3 V
TA = 25°C, I = 200 mA
29
34
VIN = 3.3 V
TA = 85°C
38
VIN = 1.8 V
TA = 25°C, I = 200 mA
43
52
VIN = 1.2 V
TA = 25°C, I = 200 mA
8
0
120
VIN = 1.1 V
TA = 25°C, I = 100 mA
110
RDIS
Output discharge path
EN = low
VIN = 3.3 V, NCP435 only
65
90
W
TR
Output rise time
VIN = 3.3 V
CLOAD = 1 mF, RLOAD = 25 W
(Note 8)
35
61
90
ms
TF
Output fall time
VIN = 3.3 V
CLOAD = 1 mF, RLOAD = 25 W
(Note 8)
20
42
70
ms
Ton
Gate turn on
VIN = 3.3 V
Gate turn on + Output rise time
65
126
190
ms
Ten
Enable time
VIN = 3.3 V
From EN low to high to
VOUT = 10% of fully on
30
66
100
ms
VIH
High−level input voltage
0.9
V
VIL
Low−level input voltage
0.5
V
REN
Pull down resistor
5.1
7
M
W
QUIESCENT CURRENT
IQ
Current consumption
VIN = 3.3 V, EN = low, No load
0.15
0.6
mA
VIN = 3.3 V, EN = high, No load
0.3
0.6
mA
8. Parameters are guaranteed for CLOAD and RLOAD connected to the OUT pin with respect to the ground
9. Guaranteed by design and characterization, not production tested.
TIMINGS
TON
TEN
TR
TDIS
TF
VOUT
EN
VIN
TOFF
Figure 3. Enable, Rise and fall time


Similar Part No. - NCP434FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
More results

Similar Description - NCP434FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP434FCT2G ONSEMI-NCP434FCT2G Datasheet
700Kb / 10P
   2A Ultra-Small Controlled Load Switch with
March, 2013 ??Rev. 4
NCP334 ONSEMI-NCP334 Datasheet
271Kb / 10P
   2A Ultra-Small Controlled Load Switch with Auto-Discharge Path
August, 2012 ??Rev. 1
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
   3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
NCP336 ONSEMI-NCP336 Datasheet
396Kb / 9P
   3 A Ultra-Small Controlled Load Switch
September, 2012 ??Rev. 2
NCP339 ONSEMI-NCP339 Datasheet
250Kb / 10P
   3 A Ultra-Small Controlled Load Switch
November, 2013 ??Rev. 2
logo
Fairchild Semiconductor
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com