Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP457FCT2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP457FCT2G
Description  2 A Single Load Switch for Low Voltage Rail
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP457FCT2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP457FCT2G Datasheet HTML 1Page - ON Semiconductor NCP457FCT2G Datasheet HTML 2Page - ON Semiconductor NCP457FCT2G Datasheet HTML 3Page - ON Semiconductor NCP457FCT2G Datasheet HTML 4Page - ON Semiconductor NCP457FCT2G Datasheet HTML 5Page - ON Semiconductor NCP457FCT2G Datasheet HTML 6Page - ON Semiconductor NCP457FCT2G Datasheet HTML 7Page - ON Semiconductor NCP457FCT2G Datasheet HTML 8Page - ON Semiconductor NCP457FCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NCP456R, NCP457
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS Min & Max Limits apply for TA between −40°C to +85°C for VIN and VBIAS between 0.75 V to
5.5 V (Unless otherwise noted). Typical values are referenced to TA = + 25°C, VIN = 3.3 V and VBIAS = 5 V (Unless otherwise noted).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
POWER SWITCH
RDS(on)
Static drain−
source on−state
resistance for
each rail
VIN = VBIAS = 5.5 V
TA = 25 °C
24
33
m
W
TJ = 125°C
39
m
W
VIN = VBIAS = 3.3 V
TA = 25°C
24
33
TJ = 125°C
39
VIN = VBIAS = 1.8 V
TA = 25°C
25
34
TJ = 125°C
4
0
VIN = VBIAS = 1.5 V
TA = 25°C
26
35
TJ = 125°C
41
VIN = VBIAS = 1.2 V
TA = 25°C
28
40
TJ = 125°C
42
VIN = 1.0 V.
VBIAS = 1.2 V
TA = 25°C
30
40
TJ = 125°C
42
VIN = 0.8 V,
VBIAS = 1.2 V
TA = 25°C
35
45
TJ = 125°C
50
RDIS
Output discharge
path
EN = low, NCP457
220
W
TIMINGS
TR
Output rise time
VIN = 5 V
No cap on GATE pin
0.11
ms
Gate capacitor = 1 nF
1.4
Gate capacitor = 10 nF
15.7
TF
Output fall time
CLOAD = 1 mF, RLOAD = 25 W
(Note 8)
50
ms
Ten
Enable time
From EN low to high to Vout =
10% of fully on− NCP456R.
1
0 nF gate capacitor
3
ms
From EN low to high to Vout =
10% of fully on− NCP456R. 1 nF
gate capacitor
300
ms
From EN low to high to Vout =
10% of fully on− NCP456R.
Without gate capacitor
51
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. Parameters are guaranteed for CLOAD and RLOAD connected to the OUT pin with respect to the ground
8. Guaranteed by design and characterization, not production tested.


Similar Part No. - NCP457FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45732 ONSEMI-NCP45732 Datasheet
249Kb / 13P
   ecoSwitch Advanced Load Management Controlled Load Switch with Low RON
April, 2022 - Rev. 0
NCP45732IMN24TWG ONSEMI-NCP45732IMN24TWG Datasheet
249Kb / 13P
   ecoSwitch Advanced Load Management Controlled Load Switch with Low RON
April, 2022 - Rev. 0
NCP45750 ONSEMI-NCP45750 Datasheet
180Kb / 11P
   ecoSwitch Advanced Load Management
May, 2020 ??Rev. 3
NCP45750IMN24TWG ONSEMI-NCP45750IMN24TWG Datasheet
180Kb / 11P
   ecoSwitch Advanced Load Management
May, 2020 ??Rev. 3
NCP45760 ONSEMI-NCP45760 Datasheet
171Kb / 11P
   ecoSwitch Advanced Load Management
June, 2020 ??Rev. 0
More results

Similar Description - NCP457FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP458R ONSEMI-NCP458R Datasheet
161Kb / 13P
   4 A Single Load Switch for Low Voltage Rail
June, 2014 ??Rev. 1
logo
Texas Instruments
TPS22960 TI1-TPS22960_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Input Voltage, Dual-Load Switch
TPS22965 TI1-TPS22965 Datasheet
1Mb / 25P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22967 TI1-TPS22967 Datasheet
1Mb / 26P
[Old version datasheet]   Single Channel, Ultra-Low Resistance Load Switch
TPS22924C TI-TPS22924C Datasheet
1Mb / 17P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Pericom Semiconductor C...
PI3PD22920 PERICOM-PI3PD22920 Datasheet
6Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
PI3PD22919 PERICOM-PI3PD22919 Datasheet
1Mb / 12P
   Ultra Small, Low-Input Voltage, Low RON Load Switch
logo
Vishay Siliconix
SIP32411 VISHAY-SIP32411_V01 Datasheet
468Kb / 15P
   2 A, 1.2 V, Slew Rate Controlled Load Switch
01-Jan-2022
logo
Texas Instruments
TPS22924CYZPRB TI1-TPS22924CYZPRB Datasheet
964Kb / 20P
[Old version datasheet]   ULTRA-SMALL, LOW-INPUT-VOLTAGE, LOW rON LOAD SWITCH
logo
Unisonic Technologies
US2236090D UTC-US2236090D Datasheet
185Kb / 5P
   ULTRA-SMALL, LOW-INPUT VOLTAGE LOW RON LOAD SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com