Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP45520 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP45520
Description  Advanced Load Management
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45520 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP45520 Datasheet HTML 4Page - ON Semiconductor NCP45520 Datasheet HTML 5Page - ON Semiconductor NCP45520 Datasheet HTML 6Page - ON Semiconductor NCP45520 Datasheet HTML 7Page - ON Semiconductor NCP45520 Datasheet HTML 8Page - ON Semiconductor NCP45520 Datasheet HTML 9Page - ON Semiconductor NCP45520 Datasheet HTML 10Page - ON Semiconductor NCP45520 Datasheet HTML 11Page - ON Semiconductor NCP45520 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
NCP45520, NCP45521
http://onsemi.com
8
TYPICAL CHARACTERISTICS
(TJ = 25°C unless otherwise specified)
Figure 21. Output Slew Rate vs. Temperature
Figure 22. Output Turn−on Delay vs. Input
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
100
80
60
40
20
0
−20
−40
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
12.5
10.5
8.5
6.5
4.5
2.5
0.5
150
170
190
210
230
270
290
310
Figure 23. Output Turn−on Delay vs.
Temperature
Figure 24. Output Turn−off Delay vs. Input
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
100
80
60
40
20
0
−20
−40
150
175
200
225
250
275
300
12.5
10.5
8.5
6.5
4.5
2.5
0.5
0
0.2
0.4
0.8
1.0
1.2
1.6
1.8
Figure 25. Output Turn−off Delay vs.
Temperature
Figure 26. Power Good Turn−on Time vs. Input
Voltage
TJ, JUNCTION TEMPERATURE (°C)
VIN, INPUT VOLTAGE (V)
100
80
60
40
20
0
−20
−40
0.2
0.4
0.6
0.8
1.0
1.2
12.5
10.5
8.5
6.5
4.5
2.5
0.5
0.8
0.9
1.1
1.2
1.3
1.5
1.7
1.8
120
VCC = 3.3 V, VIN = 12 V
VCC = 5 V, VIN = 1.8 V
250
VCC = 3 V
VCC = 5.5 V
VCC = 3.3 V, VIN = 12 V
VCC = 5 V, VIN = 1.8 V
120
0.6
1.4
VCC = 3 V
VCC = 5.5 V
VCC = 3.3 V, VIN = 12 V
VCC = 5 V, VIN = 1.8 V
120
VCC = 3 V
VCC = 5.5 V
1.0
1.4
1.6


Similar Part No. - NCP45520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45520 ONSEMI-NCP45520 Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management Controlled Load Switch with Low RON
January, 2013 ??Rev. 1
NCP45520 ONSEMI-NCP45520 Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management
January, 2013 ??Rev. 1
NCP45520IMNTWGH ONSEMI-NCP45520IMNTWGH Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management
January, 2013 ??Rev. 1
NCP45520IMNTWGL ONSEMI-NCP45520IMNTWGL Datasheet
145Kb / 10P
   ecoSWITCH Advanced Load Management
January, 2013 ??Rev. 1
More results

Similar Description - NCP45520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4547 ONSEMI-NCP4547 Datasheet
247Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 2
NCP45560 ONSEMI-NCP45560_15 Datasheet
130Kb / 13P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45522 ONSEMI-NCP45522 Datasheet
107Kb / 10P
   Advanced Load Management
September, 2014 ??Rev. 1
NCP45541 ONSEMI-NCP45541 Datasheet
118Kb / 12P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45524 ONSEMI-NCP45524_14 Datasheet
120Kb / 14P
   Advanced Load Management
September, 2014 ??Rev. 3
NCP45540 ONSEMI-NCP45540 Datasheet
127Kb / 13P
   Advanced Load Management
February, 2015 ??Rev. 3
NCP45526 ONSEMI-NCP45526 Datasheet
91Kb / 9P
   Advanced Load Management
September, 2014 ??Rev. 2
NCP4543 ONSEMI-NCP4543 Datasheet
248Kb / 10P
   Advanced Load Management
January, 2012 ??Rev. 4
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com