Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3712ASNT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP3712ASNT1G
Description  Over Voltage Protected High Side Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3712ASNT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP3712ASNT1G Datasheet HTML 1Page - ON Semiconductor NCP3712ASNT1G Datasheet HTML 2Page - ON Semiconductor NCP3712ASNT1G Datasheet HTML 3Page - ON Semiconductor NCP3712ASNT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NCP3712ASN, SZNCP3712ASN
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted) (Note 1)
Rating
Symbol
Value
Unit
Input−to−Output Voltage
Vio
105
V
Reverse Input−to−Vz. Voltage
Vin(rev)
−9.0
V
Reverse Input−to−Rboost Voltage
Vin(rev)
− 5.0
V
Output Load Current − Continuous
Iload
−300
mA
Enbl Input Current − Continuous
Ienbl
5.0
mA
Vz Input Current − Continuous
Iz
3.0
mA
Rboost Input Current − Continuous
Iboost
10
mA
Junction Temperature
TJ
125
°C
Operating Ambient Temperature Range
TA
− 40 to +85
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Device Power Dissipation (Minimum Footprint)
PD
300
mW
Derate Above 25
°C
2.4
mW/
°C
Latchup Performance:
Positive
Negative
ILatchup
200
200
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device contains ESD protection and exceeds the following tests:
Human Body Model 1500 V per MIL−STD−883, Method 3015.
Machine Model Method 150 V.
Figure 2. Typical Applications Circuit for Load Dump Transient Protection
NCP3712
ASN
A+
A−
1N4004
FB*
*FB = MMZ2012 Y601B
FB*
0.01
mF
TYP
0.027
mF
TYP
18 V
TYP
Ropt
Rload
Enbl
Iboost
Rboost
Ienbl
IZ
Vout
Iload
N.C.
Vin
VZ
1.0 k TYP
Renbl
0−500
W
KEY
3
1
2
6
5
4
Von
Figure 3. Enable NOT Switching Waveforms
Figure 4. Load Dump Waveforms
30
50
0
TIME (
ms)
15
10
TIME (
ms)
350
0
80
40
20
0
13.5 V SUPPLY RAIL
5
0
15
5
10
20
25
35
40
250
300
50
100
200
150
60
100
120
45
50%
AMPLITUDE
LOAD
DEPENDENT
EXP DECAY
DEVICE OUTPUT
VOLTAGE
“ENABLE
NOT”
INPUT
tpLH
Voff
13.5 V
SUPPLY
RAIL
TYPICAL
INPUT
TRANSIENT
LOAD
DEPENDENT
OUTPUT
EXP DECAY


Similar Part No. - NCP3712ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3712ASNT1G ONSEMI-NCP3712ASNT1G Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
More results

Similar Description - NCP3712ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
   Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
   Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
   PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
logo
Kinetic Technologies.
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
   Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com