Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP382LD10AAR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP382LD10AAR2G
Description  Fixed Current-Limiting Power-Distribution Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382LD10AAR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP382LD10AAR2G Datasheet HTML 1Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 2Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 3Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 4Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 5Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 6Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 7Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 8Page - ON Semiconductor NCP382LD10AAR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NCP382
www.onsemi.com
3
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
From IN to OUT1, From IN to OUT2 Supply Voltage (Note 1)
VIN , VOUT1,VOUT2
−7.0 to +7.0
V
IN, OUT1,OUT2, EN1, EN2, FLAG1, FLAG2 (Note 1)
VIN, VOUT1, VOUT2, VEN1, VEN2,
VFLAG1, VFLAG2
−0.3 to +7.0
V
FLAG1, FLAG2 sink current
ISINK
1.0
mA
ESD Withstand Voltage (IEC 61000−4−2) (output only, when
bypassed with 1.0
mF capacitor minimum)
ESD IEC
15 Air, 8 contact
kV
Human Body Model (HBM) ESD Rating are (Note 2)
ESD HBM
2000
V
Machine Model (MM) ESD Rating are (Note 2)
ESD MM
200
V
Latch−up protection (Note 3)
− Pins IN, OUT1, OUT2, FLAG1, FLAG2
− EN1, EN2
LU
100
mA
Maximum Junction Temperature (Note 4)
TJ
−40 to + TSD
°C
Storage Temperature Range
TSTG
−40 to + 150
°C
Moisture Sensitivity (Note 5)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. According to JEDEC standard JESD22−A108.
2. This device series contains ESD protection and passes the following tests:
Human Body Model (HBM) +/−2.0 kV per JEDEC standard: JESD22−A114 for all pins.
Machine Model (MM) +/−200 V per JEDEC standard: JESD22−A115 for all pins.
3. Latch up Current Maximum Rating:
$100 mA per JEDEC standard: JESD78 class II.
4. A thermal shutdown protection avoids irreversible damage on the device due to power dissipation.
5. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020.
OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operational Power Supply
2.5
5.5
V
VENX
Enable Voltage
0
5.5
TA
Ambient Temperature Range
−40
25
+85
°C
ISINK
FLAG sink current
1
mA
CIN
Decoupling input capacitor
1
mF
COUTX
Decoupling output capacitor
USB port per Hub
120
mF
RqJA
Thermal Resistance Junction−to−Air
DFN−8 package (Notes 6 and 7)
140
°C/W
SOIC−8 package (Notes 6 and 7)
210
°C/W
TJ
Junction Temperature Range
−40
25
+125
°C
IOUTX
Recommended Maximum DC
current
DFN−8 package
2
A
SOIC−8 package
1.5
A
PD
Power Dissipation Rating (Note 8)
TA v 25°C
DFN−8 package
850
mW
SOIC−8 package
570
mW
TA = 85°C
DFN−8 package
428
mW
SOIC−8 package
285
mW
6. A thermal shutdown protection avoids irreversible damage on the device due to power dissipation.
7. The RqJA is dependent of the PCB heat dissipation. Announced thermal resistance is the unless PCB dissipation and can be improve with
final PCB layout.
8. The maximum power dissipation (PD) is given by the following formula:
P
D +
T
JMAX * TA
RqJA


Similar Part No. - NCP382LD10AAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382LD10AAR2G ONSEMI-NCP382LD10AAR2G Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
More results

Similar Description - NCP382LD10AAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2090 MICREL-MIC2090_11 Datasheet
1Mb / 23P
   Current Limiting Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com