Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP431ACSNT1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP431ACSNT1G
Description  Programmable Precision References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431ACSNT1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP431ACSNT1G Datasheet HTML 6Page - ON Semiconductor NCP431ACSNT1G Datasheet HTML 7Page - ON Semiconductor NCP431ACSNT1G Datasheet HTML 8Page - ON Semiconductor NCP431ACSNT1G Datasheet HTML 9Page - ON Semiconductor NCP431ACSNT1G Datasheet HTML 10Page - ON Semiconductor NCP431ACSNT1G Datasheet HTML 11Page - ON Semiconductor NCP431ACSNT1G Datasheet HTML 12Page - ON Semiconductor NCP431ACSNT1G Datasheet HTML 13Page - ON Semiconductor NCP431ACSNT1G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NCP431A, SC431A, NCP431B, SC431B, NCP432B, SC432B Series
www.onsemi.com
10
R2
R1
V+
VOUT
V
OUT
(trip)
+ 1 )
R1
R2
V
ref
Figure 28. Triac Crowbar
V
OUT
(trip)
+ 1 )
R1
R2
V
ref
V+
R2
R1
VOUT
Figure 29. SRC Crowbar
Figure 30. Voltage Monitoring
V+
I
R2
R1
R4
R3
VOUT
Lower Limit
+ 1 )
R1
R2
V
ref
Upper Limit
+ 1 )
R3
R4
V
ref
L.E.D. indicator is ‘on’ when V+ is between the uppper
and lower limits.
VIN
< Vref
VOUT
V+
> Vref
[2.0 V
Figure 31. Single−Supply Comparator with
Temperature−Compensated Threshold
V+
VOUT
V
th +
V
ref
VIN
R1
4.7 k
Vin = 10 to 20 V
4.7k
VOUT = 5.0 V
IOUT = 1.0 A
MPSA20
1.0k
4.7k
2.2k
0.1
mF
2200
mF
10
1N5823
100k
51k
0.01
mF
150
mH @ 2.0 A
470
mF
TIP115
Figure 32. Step−Down Switching Converter


Similar Part No. - NCP431ACSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP431ACSNT1G ONSEMI-NCP431ACSNT1G Datasheet
408Kb / 17P
   Programmable Precision References
April, 2013 ??Rev. 5
More results

Similar Description - NCP431ACSNT1G

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
TL431 FCI-TL431 Datasheet
465Kb / 9P
   Programmable Precision References
logo
First Silicon Co., Ltd
FA431HCS FS-FA431HCS Datasheet
282Kb / 4P
   PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431A ONSEMI-TL431A_V01 Datasheet
471Kb / 22P
   Programmable Precision References
April, 2022 - Rev. 43
logo
Microsemi Corporation
TL431 MICROSEMI-TL431 Datasheet
210Kb / 12P
   PRECISION PROGRAMMABLE REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431_06 Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
   PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
NCV431BVDMR2G ONSEMI-NCV431BVDMR2G Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431 ONSEMI-TL431 Datasheet
216Kb / 18P
   Programmable Precision References
April, 2012 ??Rev. 34
TL431A ONSEMI-TL431A Datasheet
448Kb / 21P
   Programmable Precision References
January, 2019 ??Rev. 40
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
   PROGRAMMABLE PRECISION REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com