Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZNCP3712ASNT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # SZNCP3712ASNT1G
Description  Over Voltage Protected High Side Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNCP3712ASNT1G Datasheet(HTML) 1 Page - ON Semiconductor

  SZNCP3712ASNT1G Datasheet HTML 1Page - ON Semiconductor SZNCP3712ASNT1G Datasheet HTML 2Page - ON Semiconductor SZNCP3712ASNT1G Datasheet HTML 3Page - ON Semiconductor SZNCP3712ASNT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2014
June, 2014 − Rev. 8
1
Publication Order Number:
NCP3712ASNT1/D
NCP3712ASN,
SZNCP3712ASN
Over Voltage Protected
High Side Switch
This switch is primarily intended to protect loads from transients by
isolating the load from the transient energy rather than absorbing it.
Features
Capable of Switching Loads of up to 200 mA without External
Rboost
Switch Shuts Off in Response to an Over Voltage Input Transient
Features Active Turn Off for Fast Input Transient Protection
Flexible Over Voltage Protection Threshold Set with External Zener
Automatic Recovery after Transient Decays Below Threshold
Withstands Input Transients up to 105 V Peak
Guaranteed Off State with Enbl Input
ESD Resistant in Accordance with the 2000 V Human Body Model
Extremely Low Saturation Voltage
SZ Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These are Pb−Free Devices
Applications Include:
High Voltage Transient Isolation
Power Switching to Electronic Modules
DC Power Distribution in Line Operated Equipment
Buffering Sensitive Circuits from Poorly Regulated Power Supplies
Pre−conditioning of Voltage Regulator Input Voltage
Figure 1. Typical Application Circuit
NCP3712ASN
Ropt
P. S.
+
L
O
A
D
Rboost
SW
Enbl
Vin
Vout
VZ
1 k (min)
or
SC−74
CASE 318F
INTERNAL CIRCUIT DIAGRAM/
PIN CONFIGURATION
Enbl
(1)
VZ
(4)
(3)
(6)
(2)
(5)
Vin
Vout
N.C.
Rboost
R2
R1
R3
R4
Q1
Q2
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
BAG = Device Code
M
= Date Code
G
= Pb−Free Package
NCP3712ASNT1G
SZNCP3712ASNT1G
SC−74
(Pb−Free)
3000 / Tape &
Reel
NCP3712ASNT3G
SZNCP3712ASNT3G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
1
6
BAG M
G
G
(Note: Microdot may be in either location)
SC−74
(Pb−Free)
10,000 / Tape &
Reel


Similar Part No. - SZNCP3712ASNT1G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZN-002T-P0.7K ETC2-SZN-002T-P0.7K Datasheet
224Kb / 8P
   APPLICATION TOOLING
SZN-002T-P0.7K ETC2-SZN-002T-P0.7K Datasheet
70Kb / 6P
   Crimping tools
SZN-003T-P0.7K ETC2-SZN-003T-P0.7K Datasheet
224Kb / 8P
   APPLICATION TOOLING
SZN-003T-P0.7K ETC2-SZN-003T-P0.7K Datasheet
70Kb / 6P
   Crimping tools
logo
Seoul Semiconductor
SZN05A0B SEOUL-SZN05A0B Datasheet
538Kb / 20P
   Super high Flux output and high Luminance
More results

Similar Description - SZNCP3712ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3712ASNT1 ONSEMI-NCP3712ASNT1 Datasheet
72Kb / 8P
   Over Voltage Protected High Side Switch
September, 2001 ??Rev. 2
NCP3712ASNT1 ONSEMI-NCP3712ASNT1_06 Datasheet
62Kb / 4P
   Over Voltage Protected High Side Switch
April, 2006 ??Rev. 4
logo
STMicroelectronics
ACST8-8C STMICROELECTRONICS-ACST8-8C Datasheet
86Kb / 8P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST6-7S STMICROELECTRONICS-ACST6-7S Datasheet
122Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
ACST8 STMICROELECTRONICS-ACST8 Datasheet
126Kb / 10P
   OVER VOLTAGE PROTECTED AC POWER SWITCH
logo
International Rectifier
AUIR33402S IRF-AUIR33402S_15 Datasheet
512Kb / 17P
   PROTECTED HIGH SIDE SWITCH
IPS7071GPBF IRF-IPS7071GPBF Datasheet
370Kb / 8P
   PROTECTED HIGH SIDE SWITCH
logo
Kinetic Technologies.
KTS1680 KINETIC-KTS1680 Datasheet
846Kb / 10P
   Surge and Over-voltage Protected Load Switch
November 2016 - Revision 04a
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
   PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
logo
Kinetic Technologies.
KTS1685 KINETIC-KTS1685 Datasheet
581Kb / 10P
   Surge Protected Load Switch with Over-Voltage Protection
August 2020 - Revision 04c
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com