Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP382HD15AAR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP382HD15AAR2G
Description  Fixed Current-Limiting Power-Distribution Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382HD15AAR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP382HD15AAR2G Datasheet HTML 4Page - ON Semiconductor NCP382HD15AAR2G Datasheet HTML 5Page - ON Semiconductor NCP382HD15AAR2G Datasheet HTML 6Page - ON Semiconductor NCP382HD15AAR2G Datasheet HTML 7Page - ON Semiconductor NCP382HD15AAR2G Datasheet HTML 8Page - ON Semiconductor NCP382HD15AAR2G Datasheet HTML 9Page - ON Semiconductor NCP382HD15AAR2G Datasheet HTML 10Page - ON Semiconductor NCP382HD15AAR2G Datasheet HTML 11Page - ON Semiconductor NCP382HD15AAR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP382
www.onsemi.com
11
PACKAGE DIMENSIONS
DFN8, 3x3, 0.65P
CASE 506BW
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30mm FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C
K
8X
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
A
A1
(A3)
0.05 C
0.05 C
C
SEATING
PLANE
SIDE VIEW
L
8X
14
5
8
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.25
0.35
D
3.00 BSC
D2
2.30
2.50
E
3.00 BSC
E2
1.55
1.75
e
0.65 BSC
K
0.20
−−−
L
0.35
0.45
8X
0.62
2.50
1.75
0.40
1
0.65
PITCH
3.30
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
8X
DIMENSIONS: MILLIMETERS
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTIONS
DETAIL B
DETAIL A
L1
0.00
0.15
NOTE 4
e/2
SOLDERING FOOTPRINT*


Similar Part No. - NCP382HD15AAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382HD15AAR2G ONSEMI-NCP382HD15AAR2G Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
More results

Similar Description - NCP382HD15AAR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2090 MICREL-MIC2090_11 Datasheet
1Mb / 23P
   Current Limiting Power Distribution Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com