Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP300HSN30T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP300HSN30T1G
Description  Voltage Detector Series
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP300HSN30T1G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP300HSN30T1G Datasheet HTML 1Page - ON Semiconductor NCP300HSN30T1G Datasheet HTML 2Page - ON Semiconductor NCP300HSN30T1G Datasheet HTML 3Page - ON Semiconductor NCP300HSN30T1G Datasheet HTML 4Page - ON Semiconductor NCP300HSN30T1G Datasheet HTML 5Page - ON Semiconductor NCP300HSN30T1G Datasheet HTML 6Page - ON Semiconductor NCP300HSN30T1G Datasheet HTML 7Page - ON Semiconductor NCP300HSN30T1G Datasheet HTML 8Page - ON Semiconductor NCP300HSN30T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2016
May, 2016 − Rev. 29
1
Publication Order Number:
NCP300/D
NCP300, NCP301
Voltage Detector Series
The NCP300 and NCP301 series are second generation ultra−low
current voltage detectors. These devices are specifically designed for
use as reset controllers in portable microprocessor based systems
where extended battery life is paramount.
Each series features a highly accurate undervoltage detector with
hysteresis which prevents erratic system reset operation as the
comparator threshold is crossed.
The NCP300 series consists of complementary output devices that
are available with either an active high or active low reset output. The
NCP301 series has an open drain N−Channel output with either an
active high or active low reset output.
The NCP300 and NCP301 device series are available in the
Thin TSOP−5 package with standard undervoltage thresholds.
Additional thresholds that range from 0.9 V to 4.9 V in 100 mV steps
can be manufactured.
Features
Quiescent Current of 0.5 mA Typical
High Accuracy Undervoltage Threshold of 2.0%
Wide Operating Voltage Range of 0.8 V to 10 V
Complementary or Open Drain Reset Output
Active Low or Active High Reset Output
Specified Over the −40°C to +125°C Temperature Range
(Except for Voltage Options from 0.9 to 1.1 V)
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Microprocessor Reset Controller
Low Battery Detection
Power Fail Indicator
Battery Backup Detection
Figure 1. Representative Block Diagrams
This device contains 25 active transistors.
NCP301xSNxxT1
Open Drain Output Configuration
NCP300xSNxxT1
Complementary Output Configuration
Vref
Vref
Input
Reset Output
GND
3
1
2
Input
Reset Output
GND
3
1
2
*
*
* The representative block diagrams depict active low reset output ‘L’ suffix devices. The comparator
inputs are interchanged for the active high output ‘H’ suffix devices.
See detailed ordering and shipping information in the ordering
information section on page 21 of this data sheet.
ORDERING INFORMATION
1
5
www.onsemi.com
TSOP−5/
SOT23−5
CASE 483
PIN CONNECTIONS
1
3
N.C.
Reset
Output
2
Input
Ground
4
N.C.
5
(Top View)
1
5
xxx AYW
G
G
MARKING DIAGRAM
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note:Microdot may be in either location)


Similar Part No. - NCP300HSN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300HSN30T1G ONSEMI-NCP300HSN30T1G Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
NCP300HSN30T1G ONSEMI-NCP300HSN30T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300HSN30T1G ONSEMI-NCP300HSN30T1G Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
More results

Similar Description - NCP300HSN30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP302 ONSEMI-NCP302_14 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com