Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP303LSN14T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP303LSN14T1
Description  Voltage Detector Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN14T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP303LSN14T1 Datasheet HTML 1Page - ON Semiconductor NCP303LSN14T1 Datasheet HTML 2Page - ON Semiconductor NCP303LSN14T1 Datasheet HTML 3Page - ON Semiconductor NCP303LSN14T1 Datasheet HTML 4Page - ON Semiconductor NCP303LSN14T1 Datasheet HTML 5Page - ON Semiconductor NCP303LSN14T1 Datasheet HTML 6Page - ON Semiconductor NCP303LSN14T1 Datasheet HTML 7Page - ON Semiconductor NCP303LSN14T1 Datasheet HTML 8Page - ON Semiconductor NCP303LSN14T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 26
1
Publication Order Number:
NCP302/D
NCP302, NCP303
Voltage Detector Series
with Programmable Delay
The NCP302 and NCP303 series are second generation ultra−low
current voltage detectors that contain a programmable time delay
generator. These devices are specifically designed for use as reset
controllers in portable microprocessor based systems where extended
battery life is paramount.
Each series features a highly accurate undervoltage detector with
hysteresis and an externally programmable time delay generator. This
combination of features prevents erratic system reset operation.
The NCP302 series consists of complementary output devices that
are available with either an active high or active low reset. The
NCP303 series has an open drain N−Channel output with an active low
reset output.
Features
Quiescent Current of 0.5 mA Typical
High Accuracy Undervoltage Threshold of 2.0%
Externally Programmable Time Delay Generator
Wide Operating Voltage Range of 0.8 V to 10 V
Complementary or Open Drain Output
Active Low or Active High Reset
Specified Over the −40°C to +125°C Temperature Range
(Except for Voltage Options from 0.9 to 1.1 V)
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
Typical Applications
Microprocessor Reset Controller
Low Battery Detection
Power Fail Indicator
Battery Backup Detection
Figure 1. Representative Block Diagrams
This device contains 28 active transistors.
NCP303LSNxxT1
Open Drain Output Configuration
NCP302xSNxxT1
Complementary Output Configuration
* Inverter for active low devices.
* Buffer for active high devices.
Vref
2
Input
1
Reset
Output
3
GND 5CD
RD
*
Vref
2
Input
3
GND 5CD
RD
1
Reset Output
See detailed ordering and shipping information in the ordering
information section on page 22 of this data sheet.
ORDERING INFORMATION
TSOP−5/
SOT23−5
CASE 483
PIN CONNECTIONS
1
3
N.C.
Reset
Output
2
Input
Ground
4
CD
5
(Top View)
http://onsemi.com
1
5
xxx AYW
G
G
MARKING
DIAGRAM
xxx
= Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
5
(Note: Microdot may be in either location)


Similar Part No. - NCP303LSN14T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN14T1 ONSEMI-NCP303LSN14T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN14T1 ONSEMI-NCP303LSN14T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN14T1 ONSEMI-NCP303LSN14T1 Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP303LSN14T1G ONSEMI-NCP303LSN14T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN14T1G ONSEMI-NCP303LSN14T1G Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
More results

Similar Description - NCP303LSN14T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com