Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP303LSN15T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP303LSN15T1
Description  Voltage Detector Series
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN15T1 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP303LSN15T1 Datasheet HTML 1Page - ON Semiconductor NCP303LSN15T1 Datasheet HTML 2Page - ON Semiconductor NCP303LSN15T1 Datasheet HTML 3Page - ON Semiconductor NCP303LSN15T1 Datasheet HTML 4Page - ON Semiconductor NCP303LSN15T1 Datasheet HTML 5Page - ON Semiconductor NCP303LSN15T1 Datasheet HTML 6Page - ON Semiconductor NCP303LSN15T1 Datasheet HTML 7Page - ON Semiconductor NCP303LSN15T1 Datasheet HTML 8Page - ON Semiconductor NCP303LSN15T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
NCP302, NCP303
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (For all values TA = −40°C to +125°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
NCP302/3 − 0.9 (TA = 255C for voltage options from 0.9 to 1.1 V)
Detector Threshold (Pin 2, Vin Decreasing)
VDET−
0.882
0.900
0.918
V
Detector Threshold Hysteresis (Pin 2, Vin Increasing)
VHYS
0.027
0.045
0.063
V
Supply Current (Pin 2)
(Vin = 0.8 V)
(Vin = 2.9 V)
Iin
0.20
0.45
0.6
1.2
mA
Maximum Operating Voltage (Pin 2)
Vin(max)
10
V
Minimum Operating Voltage (Pin 2)
(TA = −40°C to 85°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.05V, Vin = 0.70V)
(VOUT = 0.50V, Vin = 0.85V)
0.01
0.05
0.05
0.50
Pch Source Current, NCP302
(VOUT = 2.4V, Vin = 4.5V)
1.0
6.0
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.5 V, Vin = 1.5 V)
1.05
2.5
Pch Source Current, NCP302
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 0.8 V)
0.011
0.014
0.04
0.08
CD Delay Pin Threshold Voltage (Pin 5)
(Vin = 0.99 V)
VTCD
0.50
0.67
0.84
V
Delay Capacitor Pin Sink Current (Pin 5)
(Vin = 0.7 V, VCD = 0.1V)
(Vin = 0.85 V, VCD = 0.5V)
ICD
2.0
10
120
300
mA
Delay Pullup Resistance (Pin 5)
RD
0.5
1.0
2.0
M
W
NCP302/3 − 1.8
Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C)
(TA = −40°C to 125°C)
VDET−
1.764
1.746
1.800
1.836
1.854
V
Detector Threshold Hysteresis (Pin 2, Vin Increasing)
VHYS
0.054
0.090
0.126
V
Supply Current (Pin 2)
(Vin = 1.7 V)
(Vin = 3.8 V)
Iin
0.23
0.48
0.7
1.3
mA
Maximum Operating Voltage (Pin 2)
Vin(max)
10
V
Minimum Operating Voltage (Pin 2) (TA = 25°C)
(TA = −40°C to 125°C)
Vin(min)
0.55
0.65
0.70
0.80
V
Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.05V, Vin = 0.70V)
(VOUT = 0.50V, Vin = 1.5V)
0.01
1.0
0.05
2.0
Pch Source Current, NCP302
(VOUT = 2.4V, Vin = 4.5V)
1.0
6.0
Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices)
IOUT
mA
Nch Sink Current, NCP302, NCP303
(VOUT = 0.5 V, Vin = 5.0 V)
6.3
11
Pch Source Current, NCP302
(VOUT = 0.4 V, Vin = 0.7 V)
(VOUT = GND, Vin = 1.5 V)
0.011
0.525
0.04
0.6
CD Delay Pin Threshold Voltage (Pin 5)
(Vin = 1.98 V)
VTCD
0.99
1.34
1.68
V


Similar Part No. - NCP303LSN15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN15T1 ONSEMI-NCP303LSN15T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN15T1 ONSEMI-NCP303LSN15T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN15T1 ONSEMI-NCP303LSN15T1 Datasheet
207Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2013 ??Rev. 25
NCP303LSN15T1G ONSEMI-NCP303LSN15T1G Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN15T1G ONSEMI-NCP303LSN15T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
More results

Similar Description - NCP303LSN15T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP300 ONSEMI-NCP300 Datasheet
163Kb / 22P
   Voltage Detector Series
October, 2004 ??Rev. 14
NCP304A ONSEMI-NCP304A Datasheet
110Kb / 6P
   Voltage Detector Series
September, 2008 ??Rev. 1
NCP304 ONSEMI-NCP304_15 Datasheet
155Kb / 21P
   Voltage Detector Series
May, 2015 ??Rev. 25
NCP304 ONSEMI-NCP304 Datasheet
163Kb / 24P
   Voltage Detector Series
March, 2005 ??Rev. 16
NCP304 ONSEMI-NCP304_06 Datasheet
169Kb / 23P
   Voltage Detector Series
May, 2006 ??Rev. 18
NCP300 ONSEMI-NCP300_17 Datasheet
171Kb / 25P
   Voltage Detector Series
October, 2017 ??Rev. 30
NCP300 ONSEMI-NCP300_16 Datasheet
170Kb / 25P
   Voltage Detector Series
May, 2016 ??Rev. 29
NCV301HSN27T1G ONSEMI-NCV301HSN27T1G Datasheet
222Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP301LSN24T1G ONSEMI-NCP301LSN24T1G Datasheet
253Kb / 26P
   Voltage Detector Series
October, 2009 ??Rev. 27
NCP300 ONSEMI-NCP300_07 Datasheet
164Kb / 25P
   Voltage Detector Series
February, 2007 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com