Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCA0805RDSEE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RCA0805RDSEE
Description  Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCA0805RDSEE Datasheet(HTML) 2 Page - Vishay Siliconix

  RCA0805RDSEE Datasheet HTML 1Page - Vishay Siliconix RCA0805RDSEE Datasheet HTML 2Page - Vishay Siliconix RCA0805RDSEE Datasheet HTML 3Page - Vishay Siliconix RCA0805RDSEE Datasheet HTML 4Page - Vishay Siliconix RCA0805RDSEE Datasheet HTML 5Page - Vishay Siliconix RCA0805RDSEE Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RCA e3
www.vishay.com
Vishay Draloric
Revision: 08-Apr-14
2
Document Number: 20037
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
Notes
(2) Preferred way for ordering products is by use of the PART NUMBER
(3) Please refer to table PACKAGING, see next page
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RCA0402
RCA0603
RCA0805
RCA1206
RCA1210
RCA1218
RCA2010
RCA2512
Rated dissipation P70 (1)
W
0.063
0.10
0.125
0.25
0.5
1.0
0.75
1.0
Limiting element voltage Umax.
AC/DC
V
50
75
150
200
200
200
400
500
Insulation voltage Uins. (1 min)
V
> 75
> 100
> 200
> 300
> 300
> 300
> 300
> 300
Insulation resistance
> 109
Category temperature range
°C
- 55 to + 155
Failure rate
h-1
< 0.1 × 10-9
Mass
mg
0.65
2
5.5
10
16
29.5
25.5
40.5
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: RCA080510K0FKEA (2)
MODEL
VALUE
TOLERANCE
TCR
PACKAGING (3)
RCA0402
RCA0603
RCA0805
RCA1206
RCA1210
RCA1218
RCA2010
RCA2512
R = Decimal
K = Thousand
M = Million
0000 = 0
 Jumper
D = ± 0.5 %
F = ± 1 %
J = ± 5 %
Z = Jumper
H = ± 50 ppm/K
K = ± 100 ppm/K
N = ± 200 ppm/K
S = Jumper
EA
EB
EC
ED
EE
EF
EG
EH
EK
Product Description: RCA0805 10K 1 % 100 ET1 e3
RCA0805
10K
1 %
100
ET1
e3
MODEL
RESISTANCE
VALUE
TOLERANCE
TCR
PACKAGING (3)
LEAD (Pb)-FREE
RCA0402
RCA0603
RCA0805
RCA1206
RCA1210
RCA1218
RCA2010
RCA2512
10R = 10
10K = 10 k
1M = 1 M
0R0 = Jumper
± 0.5 %
± 1 %
± 5 %
± 50 ppm/K
± 100 ppm/K
± 200 ppm/K
ET1, ET5
ET6, ET7
EF4, E02
E67, E82
ET9
e3 = Pure tin
termination finish
R
C
A
0
8
0
5
1
0
K
0
F
K
E
A


Similar Part No. - RCA0805RDSEE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA0805 VISHAY-RCA0805 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCA0805-IFE3 VISHAY-RCA0805-IFE3 Datasheet
135Kb / 10P
   Sulfur Resistant, Pulse Proof Thick Film Chip Resistors
More results

Similar Description - RCA0805RDSEE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCA0603 VISHAY-RCA0603 Datasheet
88Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
RCAE3 VISHAY-RCAE3 Datasheet
81Kb / 6P
   Automotive, Sulfur Resistant Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
Revision: 08-Apr-14
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW06035K90FKEA VISHAY-CRCW06035K90FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com