Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5208AFM Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HFBR-5208AFM
Description  Agilent HFBR/HFCT-5208M 1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5208AFM Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HFBR-5208AFM Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5208AFM Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5208AFM Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5208AFM Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5208AFM Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5208AFM Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5208AFM Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5208AFM Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5208AFM Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
4
Figure 4. Recommended Circuit Schematic for dc Coupling (at +5 V) between Optical
Transceiver and Physical Layer IC
MOUNTING POST
NO INTERNAL CONNECTION
HFBR/HFCT-5208M
TOP VIEW
V
EER
RD
RD
SD
V
CCR
V
CCT
TD
TD
V
EET
1
234
567
89
C2
L1
L2
R2
R3
R1
R4
C5
C3
C4
R9
R10
V
CC FILTER
AT V
CC PINS
TRANSCEIVER
R5
R7
R6
R8
C6
RD
RD
SD
V
CC
TD
TD
TERMINATION
AT PHY
DEVICE
INPUTS
NOTES:
THE SPLIT-LOAD TERMINATIONS FOR PECL SIGNALS NEED TO BE LOCATED AT THE INPUT
OF DEVICES RECEIVING THOSE PECL SIGNALS. RECOMMEND MULTI-LAYER PRINTED
CIRCUIT BOARD WITH 50 OHM MICROSTRIP OR STRIPLINE SIGNAL PATHS BE USED.
R1 = R4 = R6 = R8 = R10 = 130 OHMS.
R2 = R3 = R5 = R7 = R9 = 82 OHMS.
C1 = C2 = C3 = C5 = C6 = 0.1 µF.
C4 = C7 = 10 µF.
L1 = L2 = 1 µH COIL OR FERRITE INDUCTOR (see text comments).
TERMINATION
AT TRANSCEIVER
INPUTS
Rx
Rx
Tx
Tx
V
CC
V
CC
C1
C7
MOUNTING POST
NO INTERNAL CONNECTION
Maintain a solid, low inductance
ground plane for returning signal
currents to the power supply.
Multilayer plane printed circuit
board is best for distribution of
VCC, returning ground currents,
forming transmission lines and
shielding. Also, it is important to
suppress noise from influencing
the fiber-optic transceiver per-
formance, especially the receiver
circuit. Proper power supply
filtering of VCC for this transceiver
is accomplished by using the
recommended separate filter
circuits shown in Figure 4. These
filter circuits suppress VCC noise
of 100 mV peak-to-peak or less
over a broad frequency range.
This prevents receiver sensitivity
degradation . It is recommended
that surface-mount components
be used. Use tantalum capacitors
for the 10 µF capacitors and
monolithic, ceramic bypass
capacitors for the 0.1 µF
capacitors. Also, it is
recommended that a surface-
mount coil inductor of 1 µH be
used. Ferrite beads can be used to
replace the coil inductors
when using quieter VCC supplies,
but a coil inductor is recom-
mended over a ferrite bead to
provide low-frequency noise
filtering as well. Coils with a low,
series dc resistance (<0.7 ohms)
and high, self-resonating
frequency are recommended. All
power supply components need to
be placed physically next to the
VCC pins of the receiver and
transmitter. Use a good, uniform
ground plane with a minimum
number of holes to provide a low-
inductance ground current return
path for the signal and power
supply currents.
Although the front mounting posts
make contact with the metallized
housing, these posts should not be
relied upon to provide adequate
electrical connection to the plated
housing. It is recommended to
either connect these front posts to
chassis ground or allow them to
remain unconnected. These front
posts should not be connected to
signal ground.
Figure 5 shows the recommended
board layout pattern.
In addition to these recommenda-
tions, Agilent’s Application
Engineering staff is available for
consulting on best layout practices
with various vendors’ serializer/
deserializer, clock recovery/
generation integrated circuits.


Similar Part No. - HFBR-5208AFM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5208AEMZ AVAGO-HFBR-5208AEMZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFBR-5208AMZ AVAGO-HFBR-5208AMZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
More results

Similar Description - HFBR-5208AFM

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5208M AVAGO-HFBR-5208M Datasheet
412Kb / 20P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
HFBR-5208XXXZ AVAGO-HFBR-5208XXXZ Datasheet
237Kb / 17P
   1 x 9 Fiber Optic Transceivers for 622 Mb/s ATM/SONET/SDH Applications
logo
Agilent(Hewlett-Packard...
HFCT-5215B HP-HFCT-5215B Datasheet
236Kb / 10P
   Agilent HFCT-5215B/D 155 Mb/s Single Mode Laser Transceiver for ATM, SONET OC-3/SDH STM-1 (L1.1)
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5815DZ AVAGO-AFCT-5815DZ Datasheet
134Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805AZ AVAGO-AFCT-5805AZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
AFCT-5805BZ AVAGO-AFCT-5805BZ Datasheet
139Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
Agilent(Hewlett-Packard...
HFCT-5805 HP-HFCT-5805 Datasheet
219Kb / 10P
   155 Mb/s Single Mode Fiber Optic Transceiver for ATM, SONET OC-3/SDH STM-1
logo
List of Unclassifed Man...
TTC-2T18 ETC1-TTC-2T18 Datasheet
90Kb / 2P
   1 X 9 FIBER OPTIC TRANSCEIVER FOR 155 MBPS ATM, SONET OC-3/SDH STM-1
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
TTC-1C23-300 ETC-TTC-1C23-300 Datasheet
38Kb / 2P
   1 횞 9 Fiber Optic Transceiver for Fast Ethernet, FDDI, ATM/SONET/SDH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com