Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASE1P-2M-10-Z Datasheet(PDF) 4 Page - Copal Electronics

Part # ASE1P-2M-10-Z
Description  Hyper-miniature Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ASE1P-2M-10-Z Datasheet(HTML) 4 Page - Copal Electronics

  ASE1P-2M-10-Z Datasheet HTML 1Page - Copal Electronics ASE1P-2M-10-Z Datasheet HTML 2Page - Copal Electronics ASE1P-2M-10-Z Datasheet HTML 3Page - Copal Electronics ASE1P-2M-10-Z Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AS & ASE
■ Bracket Installation Procedure
■Handling Precautions (AS and ASE Series)
1.Soldering SpeciÄcations
⑴Manual Soldering
Device
: Soldering iron
380
℃, Max.; 3 seconds, Max.
⑵Auto Soldering
Device
: Jet wave type or dip type
275
℃, Max.; 6 seconds, Max.
・Pre-heating should be done at temperatures ranging from 80℃
to 120
℃ and within 120 sec.
2. Flux Cleaning
⑴Solvent : Fluorine or Alcohol type.
⑵Cleaning after soldering should be done after the terminal
temperature falls to 90
℃ or below, or after leaving the switch
for Äve minutes or longer at room temperature.
AS series are not process sealed and are not washable. If the PC
board is to be cleaned, clean the soldering surface of substrate with
a brush so that the switch is not exposed to the cleaning solution.
⑶Do not use ultrasonic cleaning system.
3. Mounting of Switch
⑴Use the PC boards of φ1 holes.
⑵Do not bend the terminals before mounting the switch on the
PC board.
⑶After mounting the switch, do not place the device in such a
way that the device weight will be applied on the knob, etc.
of the switch.
⑷Do not apply load exceeding 12.7 N (1.3 kgf) to the knob.
Use a bracket (optional accessory) if the load is expected
to exceed 12.7 N (1.3 kgf). The strength of the knob will be
reinforced to 29.4 N (3 kgf) max..
■Packaging SpeciÄcations
Plastick Pack
Right-angle terminals
: 50 pcs/pack
PC terminals
:100 pcs/pack


Similar Part No. - ASE1P-2M-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ASE1P-2M-10-Z COPAL-ASE1P-2M-10-Z Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
More results

Similar Description - ASE1P-2M-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
AS_SERIES COPAL-AS_SERIES Datasheet
878Kb / 3P
   Hyper-miniature Slide Switchess
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com