Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASE2N-5M-10-Z Datasheet(PDF) 2 Page - Copal Electronics

Part # ASE2N-5M-10-Z
Description  Hyper-miniature Slide Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ASE2N-5M-10-Z Datasheet(HTML) 2 Page - Copal Electronics

  ASE2N-5M-10-Z Datasheet HTML 1Page - Copal Electronics ASE2N-5M-10-Z Datasheet HTML 2Page - Copal Electronics ASE2N-5M-10-Z Datasheet HTML 3Page - Copal Electronics ASE2N-5M-10-Z Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
☆(白星)は、準標準品です。
☆:Semi-standard products.
▲は、お問い合せ品です。
▲:Inquiry products.
ASE
Switching function
Part No.
Viewed from part No. marking side
 ASE1D−2M−10−Z
ON
ON
☆ASE1E−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
2
−3
Switching function
Part No.
Viewed from part No. marking side
 ASE2D−2M−10−Z
ON
ON
★ASE2E−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
☆ASE2N−2M−10−Z
ON
ON
★ASE2P−2M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
 ASE1D−5M−10−Z
ON
ON
★ASE1E−5M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
2
−3
Switching function
Part No.
Viewed from part No. marking side
 ASE2D−5M−10−Z
ON
ON
★ASE2E−5M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
Switching function
Part No.
Viewed from part No. marking side
★ASE2N−5M−10−Z
ON
ON
ASE2P−5M−10−Z
ON
OFF
ON
Connecting terminals
2
−1
5
−4
2
−3
5
−6
SPDT
DPDT
DPDT
SPDT
DPDT
DPDT
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Terminal numbers are not shown on the switch.
Distance between two terminal rows : 2.54 mm
Distance between two terminal
rows : 5.08 mm
Mounting height : 3.1 mm
Mounting height : 3.1 mm
Mounting height : 5.15 mm
PC
PC
PC
0.2R/A
0.2R/A
0.2R/A
★:Made to order products.
●The actuator is sealed with a white-colored packing. Remove the packing with tweezers after the washing process.


Similar Part No. - ASE2N-5M-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ASE2N-5M-10-Z COPAL-ASE2N-5M-10-Z Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
More results

Similar Description - ASE2N-5M-10-Z

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ASE COPAL-ASE Datasheet
949Kb / 4P
   Hyper-miniature Slide Switches
MHS COPAL-MHS Datasheet
839Kb / 6P
   Hyper-miniature Slide Switches
AS_SERIES COPAL-AS_SERIES Datasheet
878Kb / 3P
   Hyper-miniature Slide Switchess
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
   Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
   SLIDE SWITCHES - MINIATURE
logo
Copal Electronics
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
   Miniature Slide Switches
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
   Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
   Miniature Slide Switches
19 Mar 2019
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
   Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
   Miniature Slide Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com