Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3000-007 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSDL-3000-007
Description  Data Compliant 115.2 kbps Infrared Transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3000-007 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3000-007 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3000-007 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3000-007 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3000-007 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3000-007 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3000-007 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3000-007 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3000-007 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3000-007 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
7
16.40
+ 2.00
0
B
C
2.00 ± 0.50
3.46
8.00
± 0.10
4.00 ± 0.10
16.00 ± 0.30
1.75 ± 0.10
1.55 ± 0.05
0.40 ± 0.10
3.00 ± 0.10
POLARITY
EMPTY
PARTS
MOUNTED
LEADER
EMPTY
(40 mm MIN.)
(40 mm MIN.)
(40 mm MIN.)
1.13 ± 0.10
PROGRESSIVE DIRECTION
"B" "C"
QUANTITY
PIN 6: GND
PIN 1: VLED
+0.10
0
3.30
+0.10
0
7.50 ± 0.10
R 1.00
2.00 ± 0.50
DIA. 13.00 ± 0.50
21.00
± 0.80
LABEL
DETAIL A
DETAIL A
330
80
2500
9.50 ± 0.10
5.00° (MAX.)
3.40 ± 0.20
4.20 ± 0.20
8.00° (MAX.)
MATERIAL OF CARRIER TAPE: CONDUCTIVE POLYSTYRENE
MATERIAL OF COVER TAPE: PVC
METHOD OF COVER: HEAT ACTIVATED ADHESIVE
UNIT: mm
+
HSDL-3000#007 and HSDL-3000#017 Tape and Reel Dimensions


Similar Part No. - HSDL-3000-007

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
More results

Similar Description - HSDL-3000-007

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSDL-3000 HP-HSDL-3000 Datasheet
367Kb / 16P
   IrDA Data Compliant 115.2 kbps Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
logo
List of Unclassifed Man...
MS3201 ETC1-MS3201 Datasheet
557Kb / 6P
   115.2 kbps infrared transceiver module
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3209 HP-HSDL-3209 Datasheet
180Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3209-021 LITEON-HSDL-3209-021 Datasheet
297Kb / 16P
   IrDA Data Compliant Low Power 115.2 kbit/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com