Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL10-PF-4 Datasheet(PDF) 3 Page - Copal Electronics

Part # WL10-PF-4
Description  LIQUID LEAK SENSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

WL10-PF-4 Datasheet(HTML) 3 Page - Copal Electronics

  WL10-PF-4 Datasheet HTML 1Page - Copal Electronics WL10-PF-4 Datasheet HTML 2Page - Copal Electronics WL10-PF-4 Datasheet HTML 3Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
L
25
2
4.5
10 2
50 5
7.6
16.5
16.5
7.6
50 5
10 2
25
2
4.5
L
LED
PFA tube
  4.4
( 2.9)
φ
AWG28 ULNo.20276
3-core cable
( 2.9)
φ
φ
AWG28 ULNo.20276
3-core cable
LED
Indicator
Indicator
Detecting element
Detecting element
PFA heat shrink tubing
WL10
LIQUID LEAK SENSORS
OUTLINE DIMENSION
Unless otherwise specified, tolerance:
± 0.5 (Unit: mm)
Wire color
Brown
Black
Blue
Connection
Power
B
Output
Common
Model number
WL10-
** -2
WL10-
** -4
Cable length
2000
± 100 mm
4000
± 200 mm
Material of housing - PP
Material of housing - PFA


Similar Part No. - WL10-PF-4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
WL10 EIC-WL10 Datasheet
18Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
SynSemi, Inc.
WL10 SYNSEMI-WL10 Datasheet
32Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Surge Components
WL10 SURGE-WL10 Datasheet
32Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Zarlink Semiconductor I...
WL100 ZARLINK-WL100 Datasheet
175Kb / 17P
   WLAN INTERFACE CIRCUIT
logo
SICK AG
WL100-2N1429 SICK-WL100-2N1429 Datasheet
829Kb / 7P
   Photoelectric retro-reflective sensor
More results

Similar Description - WL10-PF-4

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
86002266 MULTITECH-86002266 Datasheet
471Kb / 3P
   LoRaWAN®Wireless Leak Detection Sensors
2023-05
logo
Panasonic Semiconductor
FX-301-F7 PANASONIC-FX-301-F7 Datasheet
618Kb / 6P
   Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
logo
Honeywell Solid State E...
LLE105000 HONEYWELL-LLE105000 Datasheet
91Kb / 4P
   Liquid level sensors
logo
American Electronic Com...
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com