Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-3602-037 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSDL-3602-037
Description  Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3602-037 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSDL-3602-037 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3602-037 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3602-037 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3602-037 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3602-037 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3602-037 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3602-037 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3602-037 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3602-037 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
2
I/O Pins Configuration Table
Pin
Description
Symbol
1
Supply Voltage
VCC
2
Analog Ground
AGND
3
FIR Select
FIR_SEL
4
Mode 0
MD0
5
Mode 1
MD1
6
No Connection
NC
7
Ground
GND
8
Receiver Data Output
RXD
9
Transmitter Data Output
TXD
10
LED Anode
LEDA
Ordering Information
Package Option
Package
Part Number
Standard Package Increment
Front View
HSDL-3602-007
400
Front View
HSDL-3602-037
1800
The HSDL-3602 contains a high-
speed and high-efficiency 870 nm
LED, a silicon PIN diode, and
an integrated circuit. The IC
contains an LED driver and a
receiver providing a single
output (RXD) for all data rates
supported.
The HSDL-3602 can be com-
pletely shut down to achieve very
low power consumption. In the
shut down mode, the PIN diode is
inactive, thus producing very
little photo-current even under
very bright ambient light. The
HSDL-3602 also incorporates the
capability for adjustable optical
power. With two programming
pins; MODE 0 and MODE 1, the
optical power output can be ad-
justed lower when the nominal
desired link distance is one-third
or two-third of the full IrDA link.
The HSDL-3602 comes with a
front view packaging option
(HSDL-3602-007/-037). It has an
integrated shield that helps to
ensure low EMI emission and
high immunity to EMI field, thus
enhancing reliable performance.
Application Support Information
The Application Engineering
group in Agilent Technologies is
available to assist you with the
Technical understanding associ-
ated with HSDL-3602 infrared
transceiver module. You can
contact them through your local
Agilent sales representatives for
additional details.
87
6
5
432
1
9
10
Back view (HSDL-3602-007/-037)


Similar Part No. - HSDL-3602-037

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602-037 AVAGO-HSDL-3602-037 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602-037 LITEON-HSDL-3602-037 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results

Similar Description - HSDL-3602-037

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3601 HP-HSDL-3601 Datasheet
685Kb / 31P
   IrDA Compliant 4 Mb/s 5 V Infrared Transceiver
HSDL-3600 HP-HSDL-3600 Datasheet
567Kb / 34P
   IrDA Compliant 4 Mb/s 3 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3600 AVAGO-HSDL-3600 Datasheet
1Mb / 34P
   IrDA짰 Compliant 4 Mb/s 3 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3612 HP-HSDL-3612 Datasheet
356Kb / 25P
   IrDA Data Compliant 115.2kb/s 3V to 5V Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com