Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMZ-A160-T00J1 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSMZ-A160-T00J1
Description  Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMZ-A160-T00J1 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSMZ-A160-T00J1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMZ-A160-T00J1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMZ-A160-T00J1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMZ-A160-T00J1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMZ-A160-T00J1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMZ-A160-T00J1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMZ-A160-T00J1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMZ-A160-T00J1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMZ-A160-T00J1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Package Dimensions
Notes: All dimensions in mm
Device Selection Guide
Color
Part Number
Min Iv @ 20mA
(mcd)
Typical Iv @ 20mA
(mcd)
Red
HSMC-A160-Q00J1
63.0
100.0
HSMC-A161-S00J1
160.0
220.0
HSMZ-A160-T00J1
250.0
350.0
Yellow /Amber
HSMA-A160-Q00J1
63.0
100.0
HSMA-A161-S00J1
160.0
220.0
HSMU-A160-R00J1
100.0
320.0
HSMU-A160-T00J1
250.0
320.0
Green
HSMM-A161-R00J1
100.0
200.0
HSMM-A160-S00J1
160.0
350.0
Blue
HSMN-A161-N00J1
25.0
50.0
HSMN-A160-P00J1
40.0
70.0
Notes: The luminous intensity Iv, is measured at the mechanical axis of the lamp package.
The actual peak of the spatial radiation pattern may not be aligned with this axis.


Similar Part No. - HSMZ-A160-T00J1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMZ-A100 HP-HSMZ-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
HSMZ-A100 HP-HSMZ-A100 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMZ-A100 BOARDCOM-HSMZ-A100 Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
HSMZ-A100-R00J1 HP-HSMZ-A100-R00J1 Datasheet
67Kb / 2P
   PLCC-2 SMT LED
logo
Broadcom Corporation.
HSMZ-A100-R00J1 BOARDCOM-HSMZ-A100-R00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results

Similar Description - HSMZ-A160-T00J1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMN-A100-R00J1 HP-HSMN-A100-R00J1 Datasheet
152Kb / 14P
   Agilent HSMx-A10x-xxxxx PLCC-2 Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-NX302 AVAGO-ASMT-UWB1-NX302 Datasheet
118Kb / 8P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com