Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1210 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # U1210
Description  Agilent U1210 Series Handheld Clamp Meters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1210 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button U1210 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1210 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1210 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1210 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1210 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1210 Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1210 Datasheet HTML 11Page - Agilent(Hewlett-Packard) U1210 Datasheet HTML 12Page - Agilent(Hewlett-Packard) U1210 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
8
Electrical Specifications for U1212A
Accuracy is given as ± (% of reading + number of least significant digits) at 23 °C ± 5 °C, with relative humidity less than 80 % R.H.
ACV/ ACA specifications are ac coupled, true R.M.S. and are valid from 5 % of range to 100 % of range. The crest factor may be up to
3.0 at full-scale except the 1000 V and 1000 A ranges where these are 1.5 at full scale. For non-sinusoidal waveforms, add (2 % reading +
2 % full scale) typical, for crest factors up to 3.
DC voltage
Range
Resolution
Accuracy
Overload protection
400 V
0.1 V
0.5 % + 3
1000 V R.M.S
1000 V
1 V
0.5 % + 3
Input impedance: 10 MΩ (nominal)
AC voltage
Range
Resolution
Accuracy
Overload protection
45~400 Hz
400 V
0.1 V
1 % + 5
1000 V R.M.S
1000 V
1 V
1 % + 5
Input impedance: 10 MΩ (nominal) in parallel with < 100 pF
Voltage (1 ms peak hold)
Range
Resolution
Accuracy
Overload protection
400 V
0.1 V
1 % + 43
1000 V R.M.S
1000 V
1 V
1 % + 43
Specified accuracy for changes > 1 ms in duration
Diode check/audible continuity test
Range
Resolution
Accuracy
Test current
Open voltage
Diode
0.001 V
0.5 % + 2
Approximately 0.8 mA
< +3.1 V
Overload protection: 1000 V R.M.S. for circuits < 0.3 A of short circuit current
Built-in buzzer sounds when reading is below 50 mV approximately and single tone for normal forward-biased diode or semiconductor junction as
0.3 V ≤ Reading ≤ 0.8 V
Resistance
Range
Resolution
Accuracy
Test current
400 Ω
0.1 Ω
0.5 % + 3
0.8 mA
4 kΩ
0.001 kΩ
0.5 % + 3
80 µA
Notes:
1. Overload protection: 1000 V R.M.S. for circuits < 0.3 A of short circuit current
2. Maximum open voltage: < +3.1 V
3. Instant continuity: Built-in buzzer sounds when resistance is less than 10.0 Ω
4. The accuracy of 400 Ω and 4 kΩ is specified after Relative function, which is used to substrate the test lead resistance and the thermal effect


Similar Part No. - U1210

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
More results

Similar Description - U1210

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
Agilent(Hewlett-Packard...
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com