Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1175A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # U1175A
Description  Agilent U1210 Series Handheld Clamp Meters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1175A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  U1175A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
3
Take a Closer Look
High measurement
capability of up to 1000 A
for AC, DC or AC+DC
Capacitance/Diode
measurement
Peak hold function for
in-rush current testing
Large jaw opening of 2 inches to
test thick current sources
Max or Min recording capability
Large LCD display with
maximum reading of
4000 counts
Manual or auto ranging
Temperature and audible
continuity functions


Similar Part No. - U1175A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U117 ETC2-U117 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U117 ETC2-U117 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Pentair plc. All rights...
U117-1568 PENTAIR-U117-1568 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
U117-1577 PENTAIR-U117-1577 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Agilent(Hewlett-Packard...
U1171A HP-U1171A Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
More results

Similar Description - U1175A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
Agilent(Hewlett-Packard...
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com