Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1175A Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # U1175A
Description  Agilent U1210 Series Handheld Clamp Meters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1175A Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button U1175A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 11Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 12Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 13Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 14Page - Agilent(Hewlett-Packard) U1175A Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
10
Electrical Specifications for U1212A (continued)
Frequency (AC coupling)
Range
Resolution
Accuracy
Minimum frequency
99.99 Hz
0.01 Hz
0.2 % + 3
10 Hz
999.9 Hz
0.1 Hz
9.999 kHz
0.001 kHz
99.99 kHz
0.01 kHz
999.9 kHz
0.1 kHz
Overload protection: 1000 V
Sensitivity
Frequency sensitivity
Range
Minimum sensitivity (R.M.S.)
Maximum input for specified accuracy of AC
40 Hz~2 kHz
10~40 Hz or 2~100 kHz
400 V
6 V
6 V
1000 V
20 V
30 V (< 10 kHz)
40 A
3 A (< 1 kHz)
3 A (< 1 kHz)
400 A
20 A (< 1 kHz)
20 A (< 1 kHz)
1000 A
50 A (1 kHz)
50 A (< 1 kHz)


Similar Part No. - U1175A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U117 ETC2-U117 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
U117 ETC2-U117 Datasheet
657Kb / 17P
   TO CHANGE WITHOUT NOTICE ACCESSORIES
logo
Pentair plc. All rights...
U117-1568 PENTAIR-U117-1568 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
U117-1577 PENTAIR-U117-1577 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Agilent(Hewlett-Packard...
U1171A HP-U1171A Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
More results

Similar Description - U1175A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
Agilent(Hewlett-Packard...
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1731C KEYSIGHT-U1731C Datasheet
2Mb / 11P
   Keysight Technologies U1730C Series Handheld LCR Meters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com