Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1164A Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # U1164A
Description  Agilent U1240 Series Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1164A Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  U1164A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1164A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1164A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1164A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1164A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1164A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1164A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1164A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1164A Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6
Ordering Information
Standard shipped accessories
• Four 1.5 V AAA alkaline batteries
• Certificate of Calibration (CoC)
• Test probe leads (4-mm tips)
• Quick Start Guide
• Free test data (Option UK6)
Optional accessories
Measuring accessories (non-temperature)
U1161A
Extended test
lead kit
Includes two test leads (red and black), two test probes, medium-
sized alligator clips and 4-mm banana plugs.
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes: CAT lll 1000 V, CAT lV 600 V, 15 A
• Medium-sized alligator clips: CAT III 1000 V, CAT IV 600 V, 15 A
• 4-mm banana plugs: CAT II 600 V, 10 A
U1162A
Alligator clips
• One pair of insulated alligator clips (red and black).
Recommended for use with Agilent standard test leads.
• Rated CAT III 1000 V, CAT IV 600 V, 15 A
U1163A
SMT grabbers
• One pair of SMT grabbers (red and black). Recommended for use
with Agilent standard test leads.
• Rated CAT II 300 V, 3 A
U1164A
Fine-tip test
probes
• One pair of fine-tip test probes (red and black). Recommended for
use with Agilent standard test leads.
• Rated CAT II 300 V, 3 A
U1168A
Standard test
lead kit
Includes two test leads (red and black), 19-mm and 4-mm test
probes, alligator clips, fine-tip test probes, SMT grabbers and mini
grabber (black).
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes (19-mm tip): CAT II 1000 V, 15 A
• Test probes (4-mm tip): CAT III 1000 V, CAT IV 600 V, 15 A
(highly recommended for CAT IV environment)
• Alligator clips: CAT III 1000 V, CAT IV 600 V, 15 A
• Fine-tip test probes: CAT II 300 V, 3 A
• SMT grabber: CAT II 300 V, 3 A
• Mini grabber: CAT II 300 V, 3 A
U1169A
Test probe leads
Includes two test leads (red and black), and a pair each of 19-mm
and 4-mm test probes.
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes (19-mm tip): CAT II 1000 V, 15 A
• Test probes (4-mm tip): CAT III 1000 V, CAT IV 600 V, 15 A
(highly recommended for CAT IV environment)
U1583B
AC current clamp
• Dual range: 40 A and 400 A
• Rated CAT III 600 V
• BNC-to-banana-plug adapter provided for use with DMMs
U1241B
U1242B


Similar Part No. - U1164A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1164A HP-U1164A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1164A HP-U1164A Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1164A HP-U1164A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1164A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com