Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1162A Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # U1162A
Description  Agilent U1250 Series Handheld Digital Multimeters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1162A Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  U1162A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1162A Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
FUNCTION
RANGE
RESOLUTION
ACCURACY ± (% of reading + No. of Least Significant Digit)
FREQUENCY
30 Hz ~ 45 Hz
45 Hz ~ 1 kHz
1 kHz ~ 10 kHz 10 kHz ~ 20 kHz
20 kHz~100 kHz[3]
TRUE RMS AC
VOLTAGE[1] [2]
50.000 mV
0.001 mV
1.5+80
0.4+60
0.7+60
0.8+60
3.5+220
500.00 mV
0.01 mV
1.5+65
0.4+30
3.5+125
1000.0 mV
0.1 mV
5.0000 V
0.0001 V
50.000 V
0.001 V
500.00 V
0.01 V
3.5+125[4]
1000.00 V
0.1 V
0.4+45
0.4+45
1.5+45[4]
N/A
U1252A/U1252B/U1253A/U1253B AC+DC SPECIFICATIONS
FUNCTION
RANGE
RESOLUTION
ACCURACY ± (% of reading + No. of Least Significant Digit)
FREQUENCY
30 Hz ~ 45 Hz
45 Hz ~ 1 kHz
1 kHz ~ 20 kHz
AC CURRENT
500.00 µA[5]
0.01 µA
1.1+25
0.8+25
0.8+25
5000.0 µA
0.1 µA
50.000 mA
0.001 mA
1.2+25
0.9+25
0.9+25
440.00 mA
0.01 mA
5.0000 A
0.0001 A
1.8+30[7]
0.9+30
3.3+70,
<3 A/5 kHz
10.000 A[6]
0.001 A
0.9+25
CAPACITANCE SPECIFICATIONS
RANGE
RESOLUTION
ACCURACY
MEASURING RATE AT
FULL SCALE
MAX. DISPLAY
10.000 nF
0.001 nF
1% + 8
4 times/sec.
11000 counts
100.00 nF
0.01 nF
1% + 5
1000.0 nF
0.1 nF
10.000 µF
0.001 µF
100.00 µF
0.01 µF
1000.0 µF
0.1 µF
1 time/sec.
10.000 mF
0.001 mF
0.1 times/sec.
100.00 mF
0.01 mF
3% + 10
0.01 times/sec
0.4+30
0.6+30
0.4+30
0.8+45
1.5+45
U1251A/U1251B/U1252A/U1252B TEMPERATURE SPECIFICATIONS
U1253A/U1253B TEMPERATURE SPECIFICATIONS
THERMOCOUPLE
TYPE
RANGE
RESOLUTION
ACCURACY
ºC
ºF
ºC
ºF
K
–200 ~ 1372 ºC
–328 ~ 2502 ºF
0.1 ºC/0.1 ºF
0.3% + 3 ºC
0.3% + 6 ºF
J
(for U1252A)
–210 ~ 1200 ºC
–346 ~ 2192 ºF
0.1 ºC/0.1 ºF
0.3% + 3 ºC
0.3% + 6 ºF
THERMOCOUPLE
TYPE
RANGE
RESOLUTION
ACCURACY
ºC
ºF
ºC
ºF
K
–200 ~ –40 °C
–104 ~ –40 °F
0.1 ºC/0.1 ºF
1% + 3 °C
1% + 5.4 °F
–40 ~1372 °C
–40 ~ 2502 °F
0.1 °C /0.1 °F
1% + 1 °C
1% + 1.8 °F
J
–210 ~ –40 °C
–346 ~ –40 °F
0.1 °C /0.1 °F
1% + 3 °C
1% + 5.4 °F
–40 ~ 1200 °C
–40 ~ 2192 °F
0.1 °C /0.1 °F
1% + 1 °C
1% + 1.8 °F


Similar Part No. - U1162A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1162A HP-U1162A Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1162A HP-U1162A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1162A HP-U1162A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1162A HP-U1162A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1162A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1252B KEYSIGHT-U1252B Datasheet
2Mb / 15P
   U1250 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com