Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1168A Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # U1168A
Description  Agilent U1250 Series Handheld Digital Multimeters
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1168A Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button U1168A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 10Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 11Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 12Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 13Page - Agilent(Hewlett-Packard) U1168A Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
STANDARD SHIPPED ACCESSORIES
ORDERING INFORMATION
OPTIONAL ACCESSORIES
U1253A OPTION
MEASURING ACCESSORIES (NON-TEMPERATURE)
DESCRIPTION
APPLICABLE MODELS
U1251A
U1252A
U1253A
U1251B
U1252B
U1253B
Alligator clips
SMT grabbers
Fine-tip test probes
Test probe leads (4-mm)
Test probe leads (19-mm)
Mini grabber
Alkaline 9 V battery
Rechargeable Ni-MH battery with
power adapter
Soft carrying case
Certificate of Calibration
Test Report
Quick Start Guide
Option 001 Bundled SMT grabbers, fine-tip test probes and soft carrying case
U1251A
U1252A
U1253A
U1251B
U1252B
U1253B
U1160A Standard test lead kit
Includes two test leads (red and black), alligator clips,
fine-tip test probes, SMT grabbers and mini grabber
(black).
• Test leads: CAT III 1000 V, 15 A
• Alligator clips: CAT III 1000 V, 10 A
• Fine-tip test probes: CAT II 300 V, 3 A
• SMT grabbers: CAT II 300 V, 3 A
• Mini grabber: CAT II 300 V, 3 A
U1161A Extended test lead kit
Includes two test leads (red and black), two test probes,
medium-sized alligator clips and 4-mm banana plugs.
• Test leads: CAT III 1000 V, CAT IV 600 V, 15 A
• Test probes: CAT III 1000 V, 15 A
• Medium-sized alligator clips: CAT III 600 V, 10 A
• 4-mm banana plugs: CAT II 600 V, 10 A
U1162A Alligator clips
• One pair of insulated alligator clips (red and black).
Recommended for use with Agilent standard test
leads.
• Rated CAT III 1000 V, 10 A.


Similar Part No. - U1168A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1168A HP-U1168A Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
U1168A HP-U1168A Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1168A HP-U1168A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1168A HP-U1168A Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1168A HP-U1168A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1168A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1252B KEYSIGHT-U1252B Datasheet
2Mb / 15P
   U1250 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
   U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
   U1270 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com