Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1169A Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # U1169A
Description  Agilent U1240 Series Handheld Handheld
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1169A Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  U1169A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1169A Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3
THERMOCOUPLE TYPE
RANGE
RESOLUTION
ACCURACY ± (% of Reading + Offset Error)
K (for U1241A, U1241B,
U1242A and U1242B)
–40 to 1000 ºC/
–48 to 1832 ºF
0.1 ºC/
0.1 ºF
1% + 1 ºC/
1% + 1.8 ºF
J (for U1242A and
U1242B only)
–40 to 1000 ºC/
–48 to 1832 ºF
0.1 ºC/
0.1 ºF
1% + 1 ºC/
1% + 1.8 ºF
TEMPERATURE SPECIFICATIONS
CAPACITANCE SPECIFICATIONS
RANGE
RESOLUTION
ACCURACY ± (% of Reading + No. of Least Significant Digit)
1000.0 nF
0.1 nF
1.2% + 4
10.000 µF
0.001 µF
100.00 µF
0.01 µF
1000.0 µF
0.1 µF
2% + 4
10.000 mF
0.001 mF
HARMONIC RATIO SPECIFICATIONS
RANGE
FREQUENCY
VOLTAGE
0.0% to 99.9%
40 Hz to 500 Hz
100 mVAC to 1000 VAC
RANGE
RESOLUTION
ACCURACY
MINIMUM INPUT FREQUENCY
100.00 Hz
0.01 Hz
0.03%+3
1 Hz
1000.0 Hz
0.1 Hz
10.000 kHz
0.001 kHz
100.00 kHz
0.01 kHz
1000.0 kHz[1]
0.1 kHz
FREQUENCY SPECIFICATIONS
[1] Effective frequency measurement of up to 200 kH; refer to frequency sensitivity table below for details.
SWITCH COUNTER DEFINITION
SWITCH CONDITION[1[2] CIRCUIT SWITCH
DISPLAY[3]
SWITCH THRESHOLD
Low Level
Normally Close
Lo
< 370 Ohms
Intermittent[4]
Close to Open
Number of switch count
Low to high transition
High Level
Normally Open
Hi
> 430 Ohms
Intermittent[5]
Open to Close
Number of switch count
High to low transition
[1] Detects intermittent Opens or Closes lasting for at least 250 μsec.
[2] Test current of 0.5 mA with maximum open circuit voltage of 2.8 V is used.
[3] Maximum count reading: 199.99 M (display “OL” when achieving 2 x 108and thereafter).
[4] Count only low to high transition for initial switch condition of Low.
[5] Count only high to low transition for initial switch condition of High.


Similar Part No. - U1169A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1169A HP-U1169A Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1169A HP-U1169A Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1169A HP-U1169A Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1169A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com