Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1583B Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # U1583B
Description  Agilent U1240 Series Handheld Handheld
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1583B Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  U1583B Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
The Agilent U1240 Series handheld digital multimeters enable you to check
more with wider measurement ranges. They feature true RMS readings on their
10,000-count displays. The adjustable backlighting allows you to complete your
jobs even in subdued lighting conditions, or to simply prolong battery life. Your
maintenance tasks are greatly simplified due to the built-in switch counter,
harmonic ratio, dual and differential temperature capabilities, with just a press
of the button. The meters have a high safety rating with CAT III 1000 V and
CAT IV 600 V protection and are certified to CE and CSA standards. On top of
that, the U1240 Series comes with a certificate of calibration and test report –
at no extra cost.
The latest multimeters in this series; the U1241B and U1242B, now come in
vivid orange cases, offering capabilities and functions equivalent to the U1240A
Series.
Diode Test
Switch Counter
DCV/ACV: 0.1 mV to 1000 V
Harmonic Ratio
(U1242A/U1242B only)
Backlight: 2 Intensity Levels
Resistance: 0.1 W to 100 MW
ACmA: 0.1 mA to 10 mA
Capacitance: 0.1 nF to 10 mF
Ambient Temperature
ACmA: 0.01 mA to 1000 mA
ACA: 0.01 A to 10 A
Frequency : 1 Hz to 200 kHz
MINMAX Recording
T1–T2 Differential Temperature
(U1242A/U1242B only)
Temperature: –40 oC to 1000 oC
Functions and ranges at a glance
Manual Data Logging
(U1242A/U1242B only)
Key Features
Check more, fix more
• 10,000-count display
• 0.09% basic DCV accuracy
• True RMS AC measurement
• Basic functions — ACV, DCV,
ACI, DCI, resistance, frequency,
diode, continuity tests
• Advanced functions —
Capacitance, temperature,
MINMAX recording
Ease of use
• Adjustable backlighting
— 2 intensity levels
• Manual data logging
(U1242A/U1242B only)
• Built-in switch counter, harmonic
ratio (U1242A/U1242B only),
dual/differential temperature
capabilities (U1242A/U1242B only)
Built to last
• Overmold body casing
• CAT III 1000 V and CAT IV 600 V
safety protection
• Certified to CE and CSA standards
• Operating temperature:
–10 oC to 55 °C
Agilent U1240 Series Handheld
Digital Multimeters
Helping You Check and Fix More Installation and
Maintenance Bugs
Data Sheet


Similar Part No. - U1583B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1583B HP-U1583B Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
U1583B HP-U1583B Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1583B HP-U1583B Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

Similar Description - U1583B

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1240 HP-U1240 Datasheet
382Kb / 9P
   Agilent U1240 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1210 HP-U1210 Datasheet
441Kb / 17P
   Agilent U1210 Series Handheld Clamp Meters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1701B HP-U1701B Datasheet
370Kb / 6P
   Agilent U1701B Handheld Capacitance Meter
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com