Electronic Components Datasheet Search |
|
SMM0204V01FB0 Datasheet(PDF) 8 Page - Vishay Siliconix |
|
SMM0204V01FB0 Datasheet(HTML) 8 Page - Vishay Siliconix |
8 / 12 page SMM0204 www.vishay.com Vishay Draloric Revision: 09-Dec-15 8 Document Number: 20004 For technical questions, contact: melf@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 TESTS AND REQUIREMENTS All tests are carried out in accordance with the following specifications: EN 60115-1, generic specification EN 60115-8 (successor of EN 140400), sectional specification EN 140401-803, detail specification IEC 60068-2-xx, test methods The parameters stated in the Test Procedures and Requirements table are based on the required tests and permitted limits of EN 140401-803. The table presents only the most important tests, for the full test schedule refer to the documents listed above. However, some additional tests and a number of improvements against those minimum requirements have been included. The testing also covers most of the requirements specified by EIA/ECA-703 and JIS-C-5201-1. The tests are carried out under standard atmospheric conditions in accordance with IEC 60068-1, 4.3, whereupon the following values are applied: Temperature: 15 °C to 35 °C Relative humidity: 25 % to 75 % Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar). A climatic category LCT / UCT / 56 is applied, defined by the lower category temperature (LCT), the upper category temperature (UCT), and the duration of exposure in the damp heat, steady state test (56 days). The components are mounted for testing on printed circuit boards in accordance with EN 60115-8, 2.4.2, unless otherwise specified. TEST PROCEDURES AND REQUIREMENTS EN 60115-1 CLAUSE IEC 60068-2 (1) TEST METHOD TEST PROCEDURE REQUIREMENTS PERMISSIBLE CHANGE ( ΔR) SMM0204 < 1 Ω 1 Ω to < 10 Ω 10 Ω to ≤ 1 MΩ > 1 M Ω 4.8 - Temperature coefficient At (20 / -55 / 20) °C and (20 / 125 / 20) °C ± 100 ppm/K, ± 50 ppm/K, ± 25 ppm/K, ± 15 ppm/K 4.25.1 - Endurance at 70 °C: precision operation mode U = ≤ Umax.; 1.5 h on; 0.5 h off; 70 °C; 1000 h - ± (0.05 % R + 0.005 Ω) - 70 °C; 8000 h ± (0.1 % R + 0.005 Ω) Endurance at 70 °C: standard operation mode U = ≤ Umax.; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (0.15 % R + 0.01 Ω) ± (0.1 % R + 0.005 Ω) ± (0.25 % R) 70 °C; 8000 h ± (0.3 % R + 0.01 Ω) ± (0.2 % R + 0.005 Ω) ± (0.5 % R) Endurance at 70 °C: power operation mode U = ≤ Umax.; 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (0.25 % R + 0.01 Ω) 70 °C; 8000 h ± (0.5 % R + 0.01 Ω) 4.25.3 - Endurance at upper category temperature 125 °C; 1000 h ± (0.15 % R + 0.01 Ω) ± (0.1 % R + 0.005 Ω) ± (0.25 % R) 155 °C; 1000 h ± (0.3 % R + 0.01 Ω) ± (0.2 % R + 0.005 Ω) ± (0.5 % R) 4.24 78 (Cab) Damp heat, steady state (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (0.15 % R + 0.01 Ω) ± (0.25 % R) 4.37 67 (Cy) Damp heat, steady state, accelerated (85 ± 2) °C (85 ± 5) % RH U = ≤ 100 V and U = 0.3 x Umax.; (the smaller value is valid) 1000 h ± (0.25 % R + 0.01 Ω)± (2 % R) - - Cold -55 °C; 2000 h ± (0.1 % R + 0.01 Ω) P 70 x R P 70 x R P 70 x R 0.3 x P 70 x R |
Similar Part No. - SMM0204V01FB0 |
|
Similar Description - SMM0204V01FB0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |