Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV4946K Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLV4946K
Description  Value Optimized Hall Effect Latches for Industrial and Consumer Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLV4946K Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLV4946K Datasheet HTML 7Page - Infineon Technologies AG TLV4946K Datasheet HTML 8Page - Infineon Technologies AG TLV4946K Datasheet HTML 9Page - Infineon Technologies AG TLV4946K Datasheet HTML 10Page - Infineon Technologies AG TLV4946K Datasheet HTML 11Page - Infineon Technologies AG TLV4946K Datasheet HTML 12Page - Infineon Technologies AG TLV4946K Datasheet HTML 13Page - Infineon Technologies AG TLV4946K Datasheet HTML 14Page - Infineon Technologies AG TLV4946K Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TLV4946K, TLV4946-2K
Specification
Datasheet
11
Rev1.1, 2010-08-02
3
Specification
3.1
Application circuit
Figure 5
Application circuit
It is recommended to use a resistor of 200
Ω in the supply line for current limitation in the case of an overvoltage
pulse. Two capacitors of 4.7 nF enhance the EMC performance. The pull-up of 1.2 k
Ω limits the current through
the output transistor.
3.2
Absolute Maximum Ratings
Stress above the maximum values listed in this section may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may affect the reliability of the device. Exceeding only
one of these values may cause irreversible damage to the device.
Table 2
Absolute Maximum Ratings
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Maximum Ambient Temperature
T
A
- 40
125
°C
Maximum Junction Temperature
T
J
- 40
150
°C
Supply Voltage
V
S
- 18
18
V
Supply current through protection
device
I
S
-50
50
mA
Output Voltage
V
OUT
- 0.7
18
V
Storage Temperature
T
S
- 40
150
°C
Magnetic flux density
B
unlimited
mT
ESD Robustness HBM:
1.5 k
Ω, 100 pF
V
ESD,HBM
1)
1) According to EIA/JESD22-A114-E
––4
kV
VS
Q
GND
200
Ω
VS
GND
Q


Similar Part No. - TLV4946K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
More results

Similar Description - TLV4946K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLV4906K INFINEON-TLV4906K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4906L INFINEON-TLV4906L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4946-2L INFINEON-TLV4946-2L Datasheet
1Mb / 16P
   Value Optimized Hall Effect Latch for Industrial and Consumer Applications
Rev1.1, 2010-08-02
logo
Allegro MicroSystems
APS13290 ALLEGRO-APS13290 Datasheet
991Kb / 15P
   Precision Hall-Effect Latches for Consumer and Industrial Applications
logo
Infineon Technologies A...
TLV4976-2K INFINEON-TLV4976-2K Datasheet
1Mb / 17P
   Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.1, 2010-08-02
TLV4976-1K INFINEON-TLV4976-1K Datasheet
1Mb / 16P
   Value Optimized Hall Effect Switch with Current Interface for Industrial and Consumer Applications
Rev. 1.0, 2010-08-02
TLI4946 INFINEON-TLI4946 Datasheet
468Kb / 17P
   High Precision Hall Effect Latches for Industrial and Consumer Applications
2009-05-04
logo
Allegro MicroSystems
A3290 ALLEGRO-A3290 Datasheet
245Kb / 8P
   Chopper Stabilized, Precision Hall Effect Latches for Consumer and Industrial Applications
May 24, 2012
A3290 ALLEGRO-A3290_16 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
A3290-1 ALLEGRO-A3290-1 Datasheet
466Kb / 10P
   Chopper-Stabilized, Precision Hall-Effect Latches for Consumer and Industrial Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com