Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS63060 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63060
Description  HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63060 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS63060 Datasheet HTML 6Page - Texas Instruments TPS63060 Datasheet HTML 7Page - Texas Instruments TPS63060 Datasheet HTML 8Page - Texas Instruments TPS63060 Datasheet HTML 9Page - Texas Instruments TPS63060 Datasheet HTML 10Page - Texas Instruments TPS63060 Datasheet HTML 11Page - Texas Instruments TPS63060 Datasheet HTML 12Page - Texas Instruments TPS63060 Datasheet HTML 13Page - Texas Instruments TPS63060 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Vin=12V,
Iload=600mA to 1A
Vout 200mV/div
Offset=8V
Vout 200mA/div
Offset=600mA
IL 1A/div
TPS63060, Vo=8V
200us/div
Input Voltage
200mV/div, offset=8V
Output
Voltage
50mV/div, offset=8V
Vin=8V to 8.6V, Iout=500mA
TPS63060 Vo=8V
200us/div
7.90
7.95
8.20
8.25
8.40
0.0001
0.001
0.01
0.1
1
10
IO - Output Current - A
8.05
8.00
8.30
8.15
8.10
8.35
V = 7.2 V
I
PWM
V = 7.2 V PFM
I
TPS63060, V
= 8 V
O
Vin=5V
,
Iload=600mA to 1A
Iout 200mA/div
Offset=600mA
IL 1A/div
Vout 200mV/div
Offset=8V
TPS63060, Vo=8V
200us/div
TPS63060-EP
SLVSC92 – DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
LOAD TRANSIENT
Figure 10.
Figure 11.
LOAD TRANSIENT
LINE TRANSIENT
Figure 12.
Figure 13.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS63060-EP


Similar Part No. - TPS63060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060DSC TI1-TPS63060DSC Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060DSCR TI1-TPS63060DSCR Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060DSCT TI1-TPS63060DSCT Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
More results

Similar Description - TPS63060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060 TI-TPS63060_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
logo
Maxim Integrated Produc...
MAX77813 MAXIM-MAX77813 Datasheet
1Mb / 30P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
MAX77801 MAXIM-MAX77801_V01 Datasheet
1Mb / 31P
   5.5V Input, 2A, High-Efficiency Buck-Boost Converter
2019
logo
Linear Technology
LTC3533 LINER-LTC3533 Datasheet
318Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3533 LINER-LTC3533_15 Datasheet
323Kb / 16P
   2A Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
XLSEMI
XL6007 XLSEMI-XL6007 Datasheet
176Kb / 8P
   400KHz 60V 2A Switching Current Boost / Buck-Boost / Inverting DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com