Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65052-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65052-Q1
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65052-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65052-Q1 Datasheet HTML 4Page - Texas Instruments TPS65052-Q1 Datasheet HTML 5Page - Texas Instruments TPS65052-Q1 Datasheet HTML 6Page - Texas Instruments TPS65052-Q1 Datasheet HTML 7Page - Texas Instruments TPS65052-Q1 Datasheet HTML 8Page - Texas Instruments TPS65052-Q1 Datasheet HTML 9Page - Texas Instruments TPS65052-Q1 Datasheet HTML 10Page - Texas Instruments TPS65052-Q1 Datasheet HTML 11Page - Texas Instruments TPS65052-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
TPS65050-Q1, TPS65051-Q1, TPS65052-Q1
TPS65054-Q1, TPS65056-Q1
SLVSBJ1A – SEPTEMBER 2012 – REVISED NOVEMBER 2012
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
TPS65050
TPS65051
TPS65052
TPS65054
TPS65056-
NAME
-Q1
-Q1
-Q1
-Q1
Q1
AGND
2
2
2
2
2
I
Analog GND, connect to PGND and thermal pad
BP
1
1
1
1
1
I
Input for bypass capacitor for internal reference
TPS65050-Q1 and TPS65051-Q1: Feedback pin for converter 2.
Connect DEFDCDC2 to the center of the external resistor divider.
TPS65052-Q1 and TPS65056-Q1: Select pin of converter 2 output
DEFDCDC2
17
17
17
17
17
I
voltage.
High = 1.3 V, Low = 1 V
TPS65054-Q1: Select pin of converter 2 output voltage.
High = 1.05 V, Low = 1.3 V
Digital input, used to set the default output voltage of LDO1 to
DEFLDO1
31
--
31
--
--
I
LDO4; LSB
Digital input, used to set the default output voltage of LDO1 to
DEFLDO2
6
--
6
--
--
I
LDO4
Digital input, used to set the default output voltage of LDO1 to
DEFLDO3
9
--
9
--
--
I
LDO4
Digital input, used to set the default output voltage of LDO1 to
DEFLDO4
13
--
13
--
--
I
LDO4; MSB
EN_DCDC1
25
25
25
25
25
I
Enable input for converter 1, active-high
EN_DCDC2
26
26
26
26
26
I
Enable input for converter 2, active-high
Enable input for LDO1. Logic high enables the LDO, logic low
EN_LDO1
27
27
27
27
27
I
disables the LDO.
Enable input for LDO2. Logic high enables the LDO, logic low
EN_LDO2
28
28
28
28
28
I
disables the LDO.
Enable input for LDO3. Logic high enables the LDO, logic low
EN_LDO3
15
15
15
15
15
I
disables the LDO.
Enable input for LDO4. Logic high enables the LDO, logic low
EN_LDO4
16
16
16
16
16
I
disables the LDO.
FB1
--
31
--
31
31
I
Feedback input for the external voltage divider
FB2
--
6
--
6
6
I
Feedback input for the external voltage divider
FB3
--
9
--
9
9
I
Feedback input for the external voltage divider
FB4
--
13
--
13
13
I
Feedback input for the external voltage divider
Input to adjust output voltage of converter 1 between 0.6 V and VI.
FB_DCDC1
24
24
24
24
24
I
Connect an external resistor divider between VOUT1, this pin, and
GND.
GND
8
--
--
--
--
-
Connect to GND
HYSTERESIS
--
8
8
8
8
I
Input for hysteresis on reset threshold
L1
22
22
22
22
22
O
Switch pin of converter 1. Connected to inductor
L2
20
20
20
20
20
O
Switch pin of converter 2. Connected to inductor
Select between power-safe mode and forced-PWM mode for
DCDC1 and DCDC2. In power-safe mode, the device uses PFM at
MODE
32
32
32
32
32
I
light loads, PWM for higher loads. Setting this pin to high level
selects forced-PWM mode. If this pin has low level, then the device
operates in power-safe mode.
PB_IN
7
--
--
--
--
I
Input for the pushbutton ON-OFF function
Open-drain output. Active-low after the supply voltage (VCC)
PB_OUT
14
--
--
--
--
O
exceeds the undervoltage-lockout threshold. Toggle the pin by
pulling PB_IN high.
PGND1
23
23
23
23
23
I
GND for converter 1
PGND2
19
19
19
19
19
I
GND for converter 2
RESET
--
14
14
14
14
O
Open-drain active-low reset output, 100-ms reset-delay time
THRESHOLD
--
7
7
7
7
I
Reset input
Power supply for digital and analog circuitry of DCDC1, DCDC2
VCC
3
3
3
3
3
I
and LDOs. Connect this pin to the same voltage supply as
VINDCDC1/2.
Feedback voltage-sense input, connect directly to the output of
VDCDC2
18
18
18
18
18
I
converter 2.
Input voltage for VDCDC1 and VDCDC2 step-down converters.
VINDCDC1/2
21
21
21
21
21
I
Connect this pin to the same voltage supply as VCC.
VINLDO1
29
29
29
29
29
I
Input voltage for LDO1
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
TPS65051-Q1


Similar Part No. - TPS65052-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65052 TI-TPS65052 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65052 TI-TPS65052 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65052RSMR TI-TPS65052RSMR Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65052RSMR TI-TPS65052RSMR Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65052RSMRG4 TI-TPS65052RSMRG4 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65052-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com