Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65056-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65056-Q1
Description  6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT-VOLTAGE LDOs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65056-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65056-Q1 Datasheet HTML 1Page - Texas Instruments TPS65056-Q1 Datasheet HTML 2Page - Texas Instruments TPS65056-Q1 Datasheet HTML 3Page - Texas Instruments TPS65056-Q1 Datasheet HTML 4Page - Texas Instruments TPS65056-Q1 Datasheet HTML 5Page - Texas Instruments TPS65056-Q1 Datasheet HTML 6Page - Texas Instruments TPS65056-Q1 Datasheet HTML 7Page - Texas Instruments TPS65056-Q1 Datasheet HTML 8Page - Texas Instruments TPS65056-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TPS65050-Q1, TPS65051-Q1, TPS65052-Q1
TPS65054-Q1, TPS65056-Q1
SLVSBJ1A – SEPTEMBER 2012 – REVISED NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
OUTPUT CURRENT
PART
QFN
(1)
PACKAGE
TA
OPTION
FOR DC-DC
NUMBER
PACKAGE
(2)
MARKING
CONVERTERS
TPS65050QRSMRQ1
LDO voltages according to Table 1
2 x 600 mA
On demand
TPS65050-Q1
DC-DC converters externally adjustable
TPS65051QRSMRQ1
LDO voltages externally adjustable
DCDC1 = 1 A
TPS65051Q
TPS65051-Q1
DC-DC converters externally adjustable
DCDC2 = 600 mA
TPS65052QRSMRQ1
LDO voltages according to Table 1
DCDC1 = 1 A
On demand
TPS65052-Q1
DCDC1 = 3.3 V; DCDC2 = 1 V or 1.3 V
DCDC2 = 600 mA
–40°C to 125°C
RSM
LDO voltages externally adjustable
TPS65054QRSMRQ1
DCDC1 = externally adjustable
2 x 600 mA
On demand
TPS65054-Q1
DCDC2 = 1.3 V or 1.05 V
LDO voltages externally adjustable
TPS65056QRSMRQ1
DCDC1 = 1A
DCDC1 = 3.3 V
On demand
TPS65056-Q1
DCDC2 = 600 mA
DCDC2 = 1 V or 1.3 V
(1)
The RSM package is available in tape and reel. Add the R suffix (TPS65050RSMR) to order quantities of 3000 parts per reel. Add the T
suffix (TPS65050RSMT) to order quantities of 250 parts per reel.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNITS
Input voltage range on all pins except AGND, PGND, and EN_LDO1 pins with respect
–0.3 V to 7 V
to AGND
VI
Input voltage range on EN_LDO1 pins with respect to AGND
–0.3 V to VCC + 0.5 V
Current at VINDCDC1/2, L1, PGND1, L2, PGND2
1800 mA
II
Current at all other pins
1000 mA
VO
Output voltage range for LDO1, LDO2, LDO3, and LDO4
–0.3 V to 4.0 V
Continuous total power dissipation
See the Thermal Table
ESD rating Human-body model (HBM) AEC-Q100 Classification Level H2
2 kV
Charged-device model (CDM) AEC-Q100 Classification Level C3B
750 V
TA
Operating free-air temperature
–40°C to 125°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
TPS65051-Q1


Similar Part No. - TPS65056-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65056 TI-TPS65056 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65056 TI-TPS65056 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65056RSMR TI-TPS65056RSMR Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65056RSMR TI-TPS65056RSMR Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65056RSMRG4 TI-TPS65056RSMRG4 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
More results

Similar Description - TPS65056-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65050 TI-TPS65050 Datasheet
1Mb / 37P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65050 TI-TPS65050_07 Datasheet
1Mb / 41P
[Old version datasheet]   6-CHANNEL POWER MGMT IC WITH TWO STEP-DOWN CONVERTERS AND 4 LOW-INPUT VOLTAGE LDOs
TPS65053 TI-TPS65053 Datasheet
899Kb / 29P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532 TI1-TPS650532 Datasheet
1,007Kb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650531RGET TI-TPS650531RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS65053-Q1 TI1-TPS65053-Q1 Datasheet
832Kb / 26P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS AND 3 LOW-INPUT VOLTAGE LDOs
TPS650532RGET TI1-TPS650532RGET Datasheet
1Mb / 27P
[Old version datasheet]   5-CHANNEL POWER MGMT IC WITH TWO STEP DOWN CONVERTERS
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com