Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650732-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650732-Q1
Description  Single Chip Power Solution for Battery Powered Systems
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650732-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS650732-Q1 Datasheet HTML 4Page - Texas Instruments TPS650732-Q1 Datasheet HTML 5Page - Texas Instruments TPS650732-Q1 Datasheet HTML 6Page - Texas Instruments TPS650732-Q1 Datasheet HTML 7Page - Texas Instruments TPS650732-Q1 Datasheet HTML 8Page - Texas Instruments TPS650732-Q1 Datasheet HTML 9Page - Texas Instruments TPS650732-Q1 Datasheet HTML 10Page - Texas Instruments TPS650732-Q1 Datasheet HTML 11Page - Texas Instruments TPS650732-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
TPS65070-Q1, TPS65072-Q1, TPS65073-Q1, TPS650732-Q1
SLVSAP7 – JANUARY 2011
www.ti.com
VLDO1 and VLDO2 LOW DROPOUT REGULATORS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VINLDO
Input voltage range for LDO1, LDO2
1.8
6.3(1)
V
VLDO1
LDO1 output voltage range
1.0
3.3
V
VLDO2
LDO2 output voltage range
Voltage options available see register description
0.725
3.3
V
IO
Output current for LDO1
200
mA
For TPS65072
1.2
VLDO1
LDO1 default output voltage
V
For TPS65070, TPS65073, TPS650731, TPS650732
1.8
For TPS65070
1.2
VLDO2
LDO2 default output voltage
For TPS65072
1.2
V
For TPS65073, TPS650731, TPS650732
1.8
IO
Output current for LDO2
200
mA
ISC
LDO1 short circuit current limit
VLDO1 = GND
400
mA
ISC
LDO2 short circuit current limit
VLDO2 = GND
400
mA
Minimum voltage drop at LDO1
IO = 100 mA, VINLDO = 3.3 V
150
mV
Minimum voltage drop at LDO2
IO = 100 mA, VINLDO = 3.3 V
150
mV
ILDO1 = 100 mA; ILDO2 = 100 mA;
Output voltage accuracy for LDO1, LDO2
–1%
1.5%
Vin
≥ Vout + 200 mV
VINLDO1,2 = VLDO1,2 + 0.5 V (min. 2.8 V) to 6.5 V,
Line regulation for LDO1, LDO2
–1%
1%
ILDO1 = 100 mA; ILDO2 = 100 mA
Load regulation for LDO1, LDO2
IO = 1 mA to 200 mA
–1%
1%
Load regulation for LDO1, LDO2
IO < 1 mA ; Vo < 1V
–2.5%
2.5%
RDIS
Internal discharge resistor at VLDO1, VLDO2
400
tRamp
VOUT ramp up time
Time to ramp from 5% to 95% of VOUT
250
ms
(1)
6.3 V or VSYS whichever is less
8
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65070-Q1 TPS65072-Q1 TPS65073-Q1 TPS650732-Q1


Similar Part No. - TPS650732-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650732 TI-TPS650732 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650732 TI-TPS650732 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650732 TI-TPS650732 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS650732RSL TI-TPS650732RSL Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS650732RSL TI-TPS650732RSL Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS650732-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com