Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65094x Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65094x
Description  PMIC for Intel Apollo Lake Platform
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65094x Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65094x Datasheet HTML 4Page - Texas Instruments TPS65094x Datasheet HTML 5Page - Texas Instruments TPS65094x Datasheet HTML 6Page - Texas Instruments TPS65094x Datasheet HTML 7Page - Texas Instruments TPS65094x Datasheet HTML 8Page - Texas Instruments TPS65094x Datasheet HTML 9Page - Texas Instruments TPS65094x Datasheet HTML 10Page - Texas Instruments TPS65094x Datasheet HTML 11Page - Texas Instruments TPS65094x Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
8
TPS65094, TPS650940, TPS650941, TPS650942, TPS650944
SWCS133A – SEPTEMBER 2015 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TPS65094
Pin Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
Table 4-1. Pin Functions (continued)
NO.
NAME
I/O
SUPPLY, OP
VOLTAGE
LEVEL
DESCRIPTION
44
FBVOUT6
I
Remote feedback sense for BUCK6 controller. Connect to positive
terminal of output capacitor.
45
ILIM6
I
Current limit set pin for BUCK6 controller. Fit a resistor from this pin to
ground to set current limit of external low-side FET.
64
ILIM2
I
Current limit set pin for BUCK2 controller. Fit a resistor from this pin to
ground to set current limit of external low-side FET.
LDO and LOAD SWITCHES
9
LDOA1
O
1.35–3.3 V
LDOA1 output. Bypass to ground with a 4.7-µF (typical) ceramic
capacitor. Leave floating when not in use.
17
SWB1
O
0.5–3.3 V
(1.8-V Typical)
Output of load switch B1. Bypass to ground with a 0.1-µF (typical)
ceramic capacitor. Short with SWB2.
18
PVINSWB1_B2
I
0.5–3.3 V
(1.8-V Typical)
Power supply to load switch B1 and B2. Bypass to ground with a 1-µF
(typical) ceramic capacitor to improve transient performance. Connect
to ground when not in use.
19
SWB2
O
0.5–3.3 V
(1.8-V Typical)
Output of load switch B2. Bypass to ground with a 0.1-µF (typical)
ceramic capacitor. Short with SWB1. Leave floating when not in use.
31
SWA1
O
0.5–3.3 V
Output of load switch A1. Bypass to ground with a 0.1-µF (typical)
ceramic capacitor. Leave floating when not in use.
32
PVINSWA1
I
0.5–3.3 V
Power supply to load switch A1. Bypass to ground with a 1-µF
(typical) ceramic capacitor to improve transient performance. Connect
to ground when not in use.
46
PVINVTT
I
VDDQ
Power supply to VTT LDO. Bypass to ground with a 10-µF (minimum)
ceramic capacitor. Connect to ground when not in use.
47
VTT
O
VDDQ / 2
Output of load VTT LDO. Bypass to ground with 2× 22-µF (minimum)
ceramic capacitors. Leave floating when not in use.
48
VTTFB
I
VDDQ / 2
Remote feedback sense for VTT LDO. Connect to positive terminal of
output capacitor. Leave floating when not in use.
49
LDOA3
O
0.7–1.5 V
Output of LDOA3. Bypass to ground with a 4.7-µF (typical) ceramic
capacitor. Leave floating when not in use.
50
PVINLDOA2_A3
I
1.8 V
Power supply to LDOA2 and LDOA3. Bypass to ground with a 4.7-µF
(typical) ceramic capacitor. Connect to ground when not in use.
51
LDOA2
O
0.7–1.5 V
Output of LDOA2. Bypass to ground with a 4.7-µF (typical) ceramic
capacitor. Leave floating when not in use.
54
LDO3P3
O
3.3 V
Output of 3.3-V internal LDO. Bypass to ground with a 4.7-µF (typical)
ceramic capacitor.
56
LDO5P0
O
5 V
Output of 5-V internal LDO or an internal switch that connects this pin
to V5ANA. Bypass to ground with a 4.7-µF (typical) ceramic capacitor.
57
V5ANA
I
5 V
External 5-V supply input to internal load switch that connects this pin
to LDO5P0 pin. Bypass this pin with an optional ceramic capacitor to
improve transient performance.


Similar Part No. - TPS65094x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65094 TI1-TPS65094 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094 TI1-TPS65094 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650940A0RSKR TI1-TPS650940A0RSKR Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650940A0RSKR TI1-TPS650940A0RSKR Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650940A0RSKT TI1-TPS650940A0RSKT Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
More results

Similar Description - TPS65094x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65094 TI1-TPS65094_19 Datasheet
1Mb / 96P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS65094_J1 TI1-TPS65094_J1 Datasheet
1Mb / 92P
[Old version datasheet]   PMIC for Intel??Apollo Lake Platform
TPS650941 TI1-TPS650941 Datasheet
138Kb / 7P
[Old version datasheet]   PMIC for Intel Apollo Lake Platform
TPS650842 TI1-TPS650842 Datasheet
139Kb / 7P
[Old version datasheet]   PMIC for Intel Braswell Platform
logo
Lanner All Rights Reser...
IIOT-I300 LANNER-IIOT-I300 Datasheet
470Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2023.01.04
LEC-7242-DM-V1 LANNER-LEC-7242-DM-V1 Datasheet
237Kb / 2P
   Industrial Environment Gateway IPC with Intel® Apollo Lake CPU
V.1-2022.07.15
logo
BCM Advanced Research.
MX3350N BCM-MX3350N Datasheet
525Kb / 1P
   Intel N3350 Thin mini-ITX motherboard with MX3350N onboard Intel Apollo Lake Processor
2020/12/14
logo
Axiomtek Co., Ltd.
MANO310 AXIOMTEK-MANO310 Datasheet
248Kb / 1P
   IntelR CeleronR processor N3350 (Apollo Lake)
logo
BCM Advanced Research.
MX110H BCM-MX110H Datasheet
445Kb / 1P
   Intel H110 mini-ITX Motherboard Kaby Lake Skylake Platform
2020/12/14
logo
Lanner All Rights Reser...
NVA-3000 LANNER-NVA-3000 Datasheet
338Kb / 2P
   Surveillance Platform Powered by the Intel짰 Atom짰 N4200/x7-E3950 (Codenamed Apollo Lake)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com