Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65132B5YFFR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65132B5YFFR
Description  Single Inductor - Dual Output Power Supply
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65132B5YFFR Datasheet(HTML) 4 Page - Texas Instruments

  TPS65132B5YFFR Datasheet HTML 1Page - Texas Instruments TPS65132B5YFFR Datasheet HTML 2Page - Texas Instruments TPS65132B5YFFR Datasheet HTML 3Page - Texas Instruments TPS65132B5YFFR Datasheet HTML 4Page - Texas Instruments TPS65132B5YFFR Datasheet HTML 5Page - Texas Instruments TPS65132B5YFFR Datasheet HTML 6Page - Texas Instruments TPS65132B5YFFR Datasheet HTML 7Page - Texas Instruments TPS65132B5YFFR Datasheet HTML 8Page - Texas Instruments TPS65132B5YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
TPS65132
SLVSBM1G – JUNE 2013 – REVISED AUGUST 2015
www.ti.com
5
Device Comparison Table
DEFAULT
STARTUP TIME
PART NUMBER(1)
ISD
PACKAGE
ACTIVE
VPOS / VNEG (2)
OUTPUT VOLTAGES
IOUT_MAX
(3)
DISCHARGE(4)
VPOS = 5.4 V
TPS65132A
VNEG = –5.4 V
40 mA
VPOS / VNEG
FAST
30 µA
CSP
VPOS = 5.0 V
TPS65132A0
VNEG = –5.0 V
VPOS = 5.4 V
TPS65132B
VNEG = –5.4V
VPOS = 5.0 V
TPS65132B0
40 mA
VPOS / VNEG
FAST
130 nA
CSP
VNEG = –5.0 V
VPOS = 5.5 V
TPS65132B5
VNEG = –5.5 V
VPOS = 5.2 V
TPS65132B2
VNEG = –5.2 V
VPOS = 5.4 V
TPS65132L
40 mA
VPOS / VNEG
SLOW
130 nA
CSP
VNEG = –5.4 V
VPOS = 5.0 V
TPS65132L0
VNEG = –5.0 V
VPOS = 5.1 V
TPS65132L1 (5)
40 mA
VPOS / VNEG
SLOW
130 nA
CSP
VNEG = –5.1 V
VPOS = 5.6 V
TPS65132T6
80 mA
VPOS / VNEG
SLOW
130 nA
CSP
VNEG = –5.6 V
VPOS = 5.4 V
TPS65132S (5)
150 mA
VPOS / VNEG
SLOW
130 nA
CSP
VNEG = –5.4 V
VPOS = 5.4 V
TPS65132W
80 mA
VPOS / VNEG
SLOW
130 nA
QFN
VNEG = –5.4 V
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com
(2)
Please refer to Power-Up And Soft-Start (LDO) and Power-Up And Soft-Start (CPN) for more details.
(3)
For higher output current variant, please contact display_contact@list.ti.com.
(4)
See Power-Down And Discharge (LDO) and Power-Down And Discharge (CPN) for a detailed description of how each device variant
implements the active discharge function.
(5)
Product preview.
4
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPS65132


Similar Part No. - TPS65132B5YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132B5YFFR TI1-TPS65132B5YFFR Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
More results

Similar Description - TPS65132B5YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132_016 TI1-TPS65132_016 Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132 TI-TPS65132_15 Datasheet
2Mb / 64P
[Old version datasheet]   TPS65132 Single Inductor - Dual Output Power Supply
TPS65120 TI1-TPS65120_13 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
   Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com