Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65138 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65138
Description  Dual output AMOLED Display Power Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65138 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65138_16 Datasheet HTML 3Page - Texas Instruments TPS65138_16 Datasheet HTML 4Page - Texas Instruments TPS65138_16 Datasheet HTML 5Page - Texas Instruments TPS65138_16 Datasheet HTML 6Page - Texas Instruments TPS65138_16 Datasheet HTML 7Page - Texas Instruments TPS65138_16 Datasheet HTML 8Page - Texas Instruments TPS65138_16 Datasheet HTML 9Page - Texas Instruments TPS65138_16 Datasheet HTML 10Page - Texas Instruments TPS65138_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
V
50 mV/Div
POS
400 ns/div
SW
5 V/Div
BOOST
V
5 V/Div
BUCKBOOST
V
50 mV/Div
NEG
V
50 mV/Div
POS
400 ns/div
SW
5 V/Div
BOOST
SW
5 V/Div
BUCKBOOST
V
50 mV/Div
NEG
0
10
20
30
40
50
60
70
80
90
100
0.00
0.05
0.15
0.20
0.30
0.35
I
(A)
OUT
Inductor :
XFL402-4.7 H
m
V
I = 4.2 V
V
I = 3.7 V
V
I = 3.2 V
V
I = 2.9 V
0.10
0.25
V
2 V/Div
POS
2 ms/div
V
5 V/Div
NEG
I
200 mA/Div
IN
TPS65138
TPS65138A
www.ti.com
SLVSAV3C – APRIL 2011 – REVISED MAY 2012
Table 1. TABLE OF GRAPHS
TITLE
TEST CONDITIONS
FIGURE
Efficiency versus Output current
VPOS 4.62 V, VNEG -4.9 V
Figure 1
(Output current is from VPOS to VNEG.)
Start-up
Figure 2
IOUT 100 mA, Boost and BuckBoost
Figure 3
IOUT 300 mA, Boost and BuckBoost
Figure 4
Switch pins and output waveforms
IOUT 300 mA, Boost
Figure 5
IOUT 300 mA, BuckBoost
Figure 6
TYPICAL CHARACTERISTICS
Efficiency vs Output Current
(VPOS 4.62 V, VNEG -4.9 V)
Start up
Figure 1.
Figure 2.
Switch Pins and Outputs
Switch Pins and Outputs
Boost and BuckBoost , IOUT 100 mA
Boost and BuckBoost, IOUT 300 mA
Figure 3.
Figure 4.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65138 TPS65138A


Similar Part No. - TPS65138_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65138DRCR TI1-TPS65138DRCR Datasheet
370Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
4-May-2012
More results

Similar Description - TPS65138_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
   Dual Output AMOLED Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com