Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65138A Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65138A
Description  Dual output AMOLED Display Power Supply
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65138A Datasheet(HTML) 5 Page - Texas Instruments

  TPS65138A Datasheet HTML 1Page - Texas Instruments TPS65138A Datasheet HTML 2Page - Texas Instruments TPS65138A Datasheet HTML 3Page - Texas Instruments TPS65138A Datasheet HTML 4Page - Texas Instruments TPS65138A Datasheet HTML 5Page - Texas Instruments TPS65138A Datasheet HTML 6Page - Texas Instruments TPS65138A Datasheet HTML 7Page - Texas Instruments TPS65138A Datasheet HTML 8Page - Texas Instruments TPS65138A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Exposed
Thermal Pad
1
2
SWN
3
4
OUTN
CTRL
10
9
8
7
PGND
OUTP
CT
SWP
5
6
GND
PVIN
VL
TPS65138
TPS65138A
www.ti.com
SLVSAV3C – APRIL 2011 – REVISED MAY 2012
PINOUT
(TOP VIEW)
PIN FUNCTIONS
NUMBER
NAME
TYPE(1)
DESCRIPTION
1
PVIN
I
Input supply for the negative buck boost converter generating VNEG
2,
SWN
I
Switch pin of the negative buck boost converter
3
OUTN
O
Output of the negative buck boost converter
4
CTRL
O
Combined enable and VNEG program pin.
5
VL
O
Output of internal regulator
6
GND
G
Analog ground
Sets the settling time for the voltage on VNEG when programmed to a new
7
CT
O
value.
8
OUTP
O
Output of the boost converter
9
PGND
G
Power ground of the boost converter
10
SWP
I
Switch pin of the boost converter
Exposed thermal
G
Connect this pad to analog GND.
pad
(1)
G = Ground, I = Input, O = Output
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65138 TPS65138A


Similar Part No. - TPS65138A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65138 TI1-TPS65138 Datasheet
370Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
4-May-2012
TPS65138DRCR TI1-TPS65138DRCR Datasheet
370Kb / 8P
[Old version datasheet]   PACKAGE OPTION ADDENDUM
4-May-2012
More results

Similar Description - TPS65138A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65631 TI1-TPS65631 Datasheet
1Mb / 25P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65631W TI1-TPS65631W Datasheet
1Mb / 26P
[Old version datasheet]   Dual-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_16 Datasheet
1Mb / 28P
[Old version datasheet]   Triple-Output AMOLED Display Power Supply
TPS65632 TI1-TPS65632_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS65632 Triple-Output AMOLED Display Power Supply
TPS65137ADSCR TI-TPS65137ADSCR Datasheet
979Kb / 22P
[Old version datasheet]   200mA Dual Output AMOLED Display Power
TPS65651 TI1-TPS65651_15 Datasheet
232Kb / 9P
[Old version datasheet]   TPS65651 Triple-Output AMOLED Display Power Supply
TPS65137AS TI1-TPS65137AS Datasheet
1,007Kb / 20P
[Old version datasheet]   250mA Dual Outputs AMOLED Display Power Supply
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
logo
Richtek Technology Corp...
RT4723P RICHTEK-RT4723P Datasheet
1Mb / 16P
   Dual Output AMOLED Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com