Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65145-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65145-Q1
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65145-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65145-Q1 Datasheet HTML 1Page - Texas Instruments TPS65145-Q1 Datasheet HTML 2Page - Texas Instruments TPS65145-Q1 Datasheet HTML 3Page - Texas Instruments TPS65145-Q1 Datasheet HTML 4Page - Texas Instruments TPS65145-Q1 Datasheet HTML 5Page - Texas Instruments TPS65145-Q1 Datasheet HTML 6Page - Texas Instruments TPS65145-Q1 Datasheet HTML 7Page - Texas Instruments TPS65145-Q1 Datasheet HTML 8Page - Texas Instruments TPS65145-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DEVICE INFORMATION
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
FB1
FB4
BASE
VIN
SW
SW
PGND
PGND
SUP
PG
GND
FB3
EN
ENR
COMP
FB2
REF
GND
DRV
C1−
C1+
C2−/MODE
C2+
OUT3
PWP PACKAGE
TOP VIEW
TPS65140-Q1
TPS65145-Q1
www.ti.com ................................................................................................................................................. SGLS277A – NOVEMBER 2004 – REVISED APRIL 2008
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.3 V, EN = VIN, Vo1 = 10 V, TA= -40°C to 85°C, typical values are at TA = 25C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D1 – D4 Shottky diode
Vd
ID1-D4 = 40 mA
610
720
mV
forward voltage
IO
Minimum output current
20
mA
10 V
≤ Vo1 ≤ 15 V, Iload = 10 mA,
Line regulation
0.56
%/V
Vo3 = 27 V
Load regulation
1 mA
≤ IO ≤ 20 mA, Vo3 = 27 V
0.05
%/mA
LINEAR REGULATOR CONTROLLER Vo4
Vo4
Output voltage
4.5 V
≤ VI ≤ 5.5 V; 10 mA ≤ IO ≤ 500 mA
3.2
3.3
3.4
V
VIN-Vo4-VBE≥ 0.5 V
(1)
13.5
19
Maximum base drive
IBASE
mA
current
VIN-Vo4-VBE≥ 0.75 V
(1)
20
27
Line regulation
4.75 V
≤ VI ≤ 5.5 V, Iload = 500 mA
0.186
%/V
Load regulation
1 mA
≤ IO ≤ 500 mA, VI = 5 V
0.064
%/A
Start up current
Vo4
≤ 0.8 V
11
20
25
mA
SYSTEM POWER GOOD (PG)
V(PG, VO1)
-12
-8.75% Vo1
-6
V
V(PG, VO2)
Power good threshold(2)
-13
-9.5% Vo2
-5
V
V(PG, VO3)
-11
-8% Vo3
-5
V
VOL
PG output low voltage
I(sink) = 500 A
0.3
V
IL
PG output leakage current
VPG = 5 V
0.001
1
µA
(1)
With VIN = supply voltage of the TPS65140, Vo4 = output voltage of the regulator, VBE = basis emitter voltage of external transistor.
(2)
The power good goes high when all three outputs (Vo1, Vo2, Vo3) are above their threshold. The power good goes low as soon as one
of the outputs is below their threshold.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS65140-Q1 TPS65145-Q1


Similar Part No. - TPS65145-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65145 TI-TPS65145 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65145 TI-TPS65145 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65145 TI-TPS65145 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65145IPWPRQ1 TI1-TPS65145IPWPRQ1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65145-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com