Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65145IPWPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65145IPWPRQ1
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65145IPWPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS65145IPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS65145IPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS65145IPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS65145IPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS65145IPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS65145IPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS65145IPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS65145IPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS65145IPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPS65140-Q1
TPS65145-Q1
SGLS277A – NOVEMBER 2004 – REVISED APRIL 2008 ................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 3.3 V, EN = VIN, Vo1 = 10 V, TA= -40°C to 85°C, typical values are at TA = 25C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO1-VIN
Minimum input to output
1
V
voltage difference
VREF
Reference voltage
1.205
1.213
1.219
V
Feedback regulation
1.136
1.146
1.154
VFB
V
voltage
IFB
Feedback input bias
10
100
nA
current
Vo1 = 10 V, Isw = 500 mA
195
290
N-MOSFET on-resistance
rDS(on)
m
(Q1)
Vo1 = 5 V, Isw = 500 mA
285
420
TPS65140
1.6
2.3
2.8
A
N-MOSFET switch current
ILIM
limit (Q1)
TPS65145
0.96
1.37
1.7
A
Vo1 = 10 V, Isw = 100 mA
9
15
P-MOSFET on-resistance
rDS(on)
(Q2)
Vo1 = 5 V, Isw = 100 mA
14
22
Maximum P-MOSFET peak
IMAX
1
A
switch current
Vsw = 15 V
1
10
Ileak
Switch leakage current
µA
Vsw = 0 V
1
10
0
°C ≤ T
A ≤ 85°C
1.295
1.6
2.1
fSW
Oscillator frequency
MHz
-40
°C ≤ T
A ≤ 85°C
1.191
1.6
2.1
Line regulation
2.7 V
≤ VI ≤ 5.7 V; Iload = 100 mA
0.012
%/V
Load regulation
0 mA
≤ IO ≤ 300 mA
0.2
%/A
NEGATIVE CHARGE PUMP Vo2
Vo2
Output voltage range
-2
V
Vref
Reference voltage
1.205
1.213
1.219
V
Feedback regulation
VFB
-36
0
36
mV
voltage
Feedback input bias
IFB
10
100
nA
current
Q8 P-Channel switch
4.3
8
rDS(on)
rDS(on)
IO = 20 mA
Q9 N-Channel switch
2.9
4.4
rDS(on)
IO
Minimum output current
20
mA
7 V
≤ Vo1 ≤ 15 V, Iload = 10 mA,
Line regulation
0.09
%/V
Vo2 = -5 V
Load regulation
1 mA
≤ IO ≤ 20 mA, Vo2 = -5 V
0.126
%/mA
POSITIVE CHARGE PUMP Vo3
Vo3
Output voltage range
30
V
Vref
Reference voltage
1.205
1.213
1.219
V
Feedback regulation
VFB
1.187
1.214
1.238
V
voltage
Feedback input bias
IFB
10
100
nA
current
Q3 P-Channel switch
9.9
15.5
rDS(on)
Q4 N-Channel switch
1.1
1.8
rDS(on)
rDS(on)
IO = 20 mA
Q5 P-Channel switch
4.6
8.5
rDS(on)
Q6 N-Channel switch
1.2
2.2
rDS(on)
4
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS65140-Q1 TPS65145-Q1


Similar Part No. - TPS65145IPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145IPWPRQ1 TI1-TPS65145IPWPRQ1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65145IPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com