Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217x Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65217x
Description  Single-Chip PMIC for Battery-Powered Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217x Datasheet(HTML) 5 Page - Texas Instruments

  TPS65217x Datasheet HTML 1Page - Texas Instruments TPS65217x Datasheet HTML 2Page - Texas Instruments TPS65217x Datasheet HTML 3Page - Texas Instruments TPS65217x Datasheet HTML 4Page - Texas Instruments TPS65217x Datasheet HTML 5Page - Texas Instruments TPS65217x Datasheet HTML 6Page - Texas Instruments TPS65217x Datasheet HTML 7Page - Texas Instruments TPS65217x Datasheet HTML 8Page - Texas Instruments TPS65217x Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
TPS65217
www.ti.com
SLVSB64G – NOVEMBER 2011 – REVISED JANUARY 2015
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
L4
37
O
Switch Pin of the WLED boost converter. Connected to Inductor.
LDO power good (LDO1 and LDO2 only, push/pull output). Pulled low when either LDO1
LDO_PGOOD
46
O
or LDO2 is out of regulation.
LS1_IN
39
I
Input voltage pin for load switch 1/LDO3
LS1_OUT
40
O
Output voltage pin for load switch 1/LDO3
LS2_IN
42
I
Input voltage pin for load switch 2/LDO4
LS2_OUT
43
O
Output voltage pin for load switch 2/LDO4
MUX_IN
14
O
Input to analog multiplexer
MUX_OUT
16
O
Output pin of analog multiplexer
NC
15
Not used
NC
17
Not used
Interrupt output (active low, open drain). Pin is pulled low if an interrupt bit is set. The
output goes high after the bit causing the interrupt in register INT has been read. The
nINT
45
O
interrupt sources can be masked in register INT, so no interrupt is generated when the
corresponding interrupt bit is set.
Reset pin (active low). Pull this pin low and the PMIC will shut down, and after 1s power-
nRESET
44
I
up in its default state.
nWAKEUP
13
O
Signal to host to indicate a power on event (active low, open-drain output)
Push-button monitor input. Typically connected to a momentary switch to ground (active
PB_IN
25
I
low).
PGND
30
Power ground. Connect to ground plane.
Power-good output (push/pull output). Pulled low when any of the power rails are out of
PGOOD
26
O
regulation. Behavior is register programmable.
PowerPad
Power ground connection for the PMU. Connect to GND
Enable input for DCDC1, 2, 3 converters and LDO1, 2, 3, 4. Pull this pin high to start the
PWR_EN
9
I
power-up sequence.
SCL
28
I
Clock input for the I2C interface
SDA
27
I/O
Data line for the I2C interface
System voltage pin and output of the power path. All voltage regulators are typically
SYS
7, 8
O
powered from this output.
Temperature sense input. Connect to NTC thermistor to sense battery temperature.
TS
11
I
Works with 10k and 100k thermistors. See charger section for details.
USB
12
I
USB voltage input to power path. Connect to external voltage from a USB port.
VDCDC1
19
I
DCDC1 output/ feedback voltage sense input
VDCDC2
24
O
DCDC2 output/feedback voltage sense input
VDCDC3
29
O
DCDC3 output/feedback voltage sense input
VINLDO
2
I
Input voltage for LDO1 and LDO2
VIN_DCDC1
21
I
Input voltage for DCDC1. Must be connected to SYS pin.
VIN_DCDC2
22
I
Input voltage for DCDC2. Must be connected to SYS pin.
VIN_DCDC3
32
I
Input voltage for DCDC3. Must be connected to SYS pin.
VIO
18
I
Output-high supply for output buffers
VLDO1
3
O
Output voltage of LDO1
VLDO2
1
O
Output voltage of LDO2
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65217


Similar Part No. - TPS65217x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS652170RSLR TI1-TPS652170RSLR Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS652170RSLT TI1-TPS652170RSLT Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI-TPS65217A Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com