Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217x Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65217x
Description  Single-Chip PMIC for Battery-Powered Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217x Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65217x Datasheet HTML 7Page - Texas Instruments TPS65217x Datasheet HTML 8Page - Texas Instruments TPS65217x Datasheet HTML 9Page - Texas Instruments TPS65217x Datasheet HTML 10Page - Texas Instruments TPS65217x Datasheet HTML 11Page - Texas Instruments TPS65217x Datasheet HTML 12Page - Texas Instruments TPS65217x Datasheet HTML 13Page - Texas Instruments TPS65217x Datasheet HTML 14Page - Texas Instruments TPS65217x Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 89 page
background image
TPS65217
www.ti.com
SLVSB64G – NOVEMBER 2011 – REVISED JANUARY 2015
Electrical Characteristics (continued)
VBAT = 3.6 V ±5%, TJ = 27ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LDO1, LDO2
VIN
Input voltage range
1.8
5.8
V
IQ,SLEEP
Quiescent current in SLEEP mode
No load, VSYS = 4 V, TA = 25°C
5
µA
1.0
3.3
LDO1, I2C selectable
Output voltage range
V
0.9
3.3
LDO2, I2C selectable
IOUT = 10 mA, VIN > VOUT + 200 mV,
DC output voltage accuracy
-2%
2%
VOUT > 0.9 V
VIN = 2.7 V - 5.5 V, VOUT = 1.2 V,
VOUT
Line regulation
-1%
1%
IOUT = 100 mA
IOUT = 1 mA - 100 mA, VOUT = 1.2 V,
-1%
1%
VIN = 3.3 V
Load regulation
IOUT = 0 mA - 1 mA, VOUT = 1.2 V,
-2.5%
2.5%
VIN = 3.3 V
Sleep state
0
1
IOUT
Output current range
mA
Active state
0
100
ISC
Short circuit current limit
Output shorted to GND
100
250
mA
VDO
Dropout voltage
IOUT = 100 mA, VIN = 3.3 V
200
mV
RDIS
Internal discharge resistor at output
430
Ω
Output capacitor
Ceramic
2.2
µF
COUT
ESR of output capacitor
20
m
Ω
LS1/LDO3 AND LS2/LDO4, CONFIGURED AS LDOs
VIN
Input voltage range
2.7
5.8
V
IQ,SLEEP
Quiescent current in SLEEP mode
No load, VSYS = 4 V, TA = 25°C
30
µA
LS1LDO3 = 1, LS2LDO4 =1
Output voltage range
1.5
3.3
V
I2C selectable
IOUT = 10 mA, VIN > VOUT + 200 mV,
DC output voltage accuracy
-2%
2%
VOUT > 1.8 V
VOUT
VIN = 2.7 V - 5.5 V, VOUT = 1.8 V,
Line regulation
-1%
1%
IOUT = 200 mA
IOUT = 1 mA - 200 mA, VOUT = 1.8 V,
Load regulation
-1%
1%
VIN = 3.3 V
TPS65217A
0
200
TPS65217B
0
200
IOUT
Output current range
mA
TPS65217C
0
400
TPS65217D
0
400
TPS65217A
200
280
TPS65217B
200
280
ISC
Short circuit current limit
Output shorted to GND
mA
TPS65217C
400
480
TPS65217D
400
480
VDO
Dropout voltage
IOUT = 200 mA, VIN = 3.3 V
200
mV
RDIS
Internal discharge resistor at output(2)
375
Ω
Output capacitor
Ceramic
8
10
12
µF
COUT
ESR of output capacitor
20
m
Ω
LS1/LDO3 AND LS2/LDO4, CONFIGURED AS LOAD SWITCHES
VIN
Input voltage range
LS1_VIN, LS2_VIN pins
1.8
5.8
V
RDS(ON)
P-channel MOSFET on-resistance
VIN = 1.8 V, over full temperature range
300
650
m
Ω
ISC
Short circuit current limit
Output shorted to GND
200
280
mA
RDIS
Internal discharge resistor at output
375
Ω
Output capacitor
Ceramic
1
10
12
µF
COUT
ESR of output capacitor
20
m
Ω
WLED BOOST
VIN
Input voltage range
2.7
5.8
V
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65217


Similar Part No. - TPS65217x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS652170RSLR TI1-TPS652170RSLR Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS652170RSLT TI1-TPS652170RSLT Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI-TPS65217A Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com