Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217B Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65217B
Description  Single-Chip PMIC for Battery-Powered Systems
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217B Datasheet(HTML) 1 Page - Texas Instruments

  TPS65217B Datasheet HTML 1Page - Texas Instruments TPS65217B Datasheet HTML 2Page - Texas Instruments TPS65217B Datasheet HTML 3Page - Texas Instruments TPS65217B Datasheet HTML 4Page - Texas Instruments TPS65217B Datasheet HTML 5Page - Texas Instruments TPS65217B Datasheet HTML 6Page - Texas Instruments TPS65217B Datasheet HTML 7Page - Texas Instruments TPS65217B Datasheet HTML 8Page - Texas Instruments TPS65217B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
DIGITAL
nRESET
from system host / uC
from system host / uC
PWR_EN
SYS
22m
Q 1
from USB connector
USB
Q 2
Lin Charger &
Power Path
MGMT
Single cell
Li+ Battery
10m
BAT
BAT_SENSE
to system load
4.7m
Q 1
from USB connector
AC
4.7m
NTC
TS
TEMP SENSE
VLDO1
to system
VLDO2
to system
2.2m
2.2m
SYS
4.7m
VINDO
LDO1
LDO2
SDA
from system host / uC
I2C
SCL
from system host / uC
VIO
VIO
BIAS
10m
100n
BYPASS
INT_LDO
WLED
Driver
4.7m
ISINK1
L4
FB_WLED
SYS
ISET1
ISINK2
ISET2
PB_IN
Momentatary Push Button
Always-on
supply
Up to 2x 10 LEDs
100k
Always-on
supply
100k
PGOOD
LDO_PGOOD
to system host / uC
to system host / uC
MUX
to system host / uC
100n
MUX_OUT
VBAT
VSYS
VICHARGE
VTS
from system
MUX_IN
nWAKEUP
nINT
to system host / uC
to system host / uC
100k
100k
VIO (always on)
VIO
I/O Voltage
VIO (always on)
VDCDC1
L1
to system
10m
SYS
4.7m
VIN_DCDC1
DCDC1
VDCDC2
L2
10m
DCDC2
to system
SYS
4.7m
VIN_DCDC2
to system
VDCDC3
L3
10m
SYS
4.7m
VIN_DCDC3
DCDC3
from 1.8V-5.8V supply
to system load
LS2_IN
LS2_OUT
from 1.8V-5.8V supply
to system load
LS1_IN
LS1_OUT
10m
10m
LOAD SW2 /
LDO4
LOAD SW1/
LDO3
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65217
SLVSB64G – NOVEMBER 2011 – REVISED JANUARY 2015
TPS65217x Single-Chip PMIC for Battery-Powered Systems
1 Features
2 Applications
1
CHARGER/POWER PATH
AM335x ARM® Cortex™-A8 Microprocessors
Portable Navigation Systems
2-A Output Current on Power Path
Tablet Computing
Linear Charger; 700-mA Maximum Charge
Current
5-V Industrial Equipment
20-V Tolerant USB and AC Inputs
3 Description
Thermal Regulation, Safety Timers
The TPS65217 is a single-chip power management
Temperature Sense Input
IC specifically designed to support applications in
STEP-DOWN CONVERTER (DCDC1, 2, 3)
portable
and
5-V
non-portable
applications.
It
Three Step-Down Converter With Integrated
provides a linear battery charger for single-cell Li-ion
and Li-Polymer batteries, dual-input power path, three
Switching FETs
step-down converters, four LDOs, and a high-
2.25-MHz Fixed Frequency Operation
efficiency boost converter to power two strings of up
Power Save Mode at Light Load Current
to 10 LEDs each. The system can be supplied by any
combination of USB port, 5-V AC adaptor, or Li-Ion
Output Voltage Accuracy in PWM Mode ±2.0%
battery. The device is characterized across a -40°C to
100% Duty Cycle for Lowest Dropout
+105°C temperature range which makes it suitable
Typical 15-µA Quiescent per Converter
for industrial applications. Three high-efficiency 2.25-
Passive Discharge to Ground When Disabled
MHz step-down converters can providing the core
voltage, memory, and I/O voltage for a system.
LDOs (LDO1, 2)
Two Adjustable LDOs
Device Information(1)
LDO2 Can Be Configured to Track DCDC3
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Typical 15-µA Quiescent Current
TPS65217A
LOAD SWITCHES (LDO3, 4)
TPS65217B
VQFN (48)
6.00 mm x 6.00 mm
Two Independent Load Switches That Can Be
TPS65217C
Configured as LDOs
TPS65217D
WLED DRIVER
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Internally Generated PWM for Dimming
Control
38-V Open LED Protection
Supports Two Strings of Up To 10 LEDs at
25 mA Each
Internal Low-Side Current Sinks
PROTECTION
Undervoltage Lockout and Battery Fault
Comparator
Always-On Push-Button Monitor
Hardware Reset Pin
Password Protected I2C® Registers
INTERFACE
I2C Interface (Address 0x24)
Password Protected I2C Registers
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS65217B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217B TI1-TPS65217B Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217B TI1-TPS65217B Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217B TI-TPS65217B Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com